Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 43 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 39Page - NXP Semiconductors OM25180FDKM Datasheet HTML 40Page - NXP Semiconductors OM25180FDKM Datasheet HTML 41Page - NXP Semiconductors OM25180FDKM Datasheet HTML 42Page - NXP Semiconductors OM25180FDKM Datasheet HTML 43Page - NXP Semiconductors OM25180FDKM Datasheet HTML 44Page - NXP Semiconductors OM25180FDKM Datasheet HTML 45Page - NXP Semiconductors OM25180FDKM Datasheet HTML 46Page - NXP Semiconductors OM25180FDKM Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
43 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
0x45
SEL_RES
RW
1
7-0
Response to Select
0x46
FELICA_POLLING_RESPO
NSE
RW
18
-
FeliCa Polling response (2 bytes (shall be 01h,
FEh) + 6 bytes NFCID2 + 8 bytes Pad + 2 bytes
system code)
0x51
RandomUID_enable
RW
1
7-0
Enables the use of a RandomUID in card modes. If
enabled (EEPROM configuration, Address 0x51), a
random UID is generated after each RF-off.
0: Use UID stored in EEPROM
1: Randomly generate the UID
0x58
NFCID3
RW
1
7-0
NFCID3 (1 byte) If the Random UID is enabled
(EEPROM address 0x51), this address contains
the NFCID3.
0x59
DPC_CONTROL
RW
1
7-0
Enables DPC and configures DPC gears
0
DPC_ENABLE cleared: OFF; set: ENABLE
3-1
GEAR_STEP_SIZE: binary definition of gear step
size; position of Bit 1 is the LSB of gear step size
7-4
START_GEAR; binary definition of start gear,
Position of bit 4 is the LSB of start gear number
0x5A
DPC_TIME
RW
2
15-0
Sets the value for the periodic regulation. Time
base is 1/20 MHz. (Example: Value of 20000 is
equal to 1 ms)
0x5C
DPC_XI
RW
1
7-0
Trim Value of the AGC value
0x5D
AGC_CONTROL
RW
2
Settings for AGC control loop
9-0
Duration
10
Duration enable
12-11
Step size
13
Step size enable
15-14
RFU
0x5F
DPC_THRSH_HIGH
RW
30
-
Defines the AGC high threshold for each gear.
DPC_AGC_GEAR_LUT_SIZE defines the number
of gears. DPC_AGC_GEAR_LUT_SIZE can be
1..15. The threshold is defined by 2 bytes (bit0
located in the byte with lower address),
0x7D
DPC_THRSH_LOW
RW
2
15-0
Defines the AGC low threshold for initial gear. The
threshold is defined by 2 bytes (bit 0 located in the
byte with lower address)
0x7F
DPC_DEBUG
RW
1
7-0
Enables the debug signals
0x80
DPC_AGC_SHIFT_VALUE
RW
1
7-0
Shift Value for the AGC dynamic low adoption to
prevent oscillation
0x81
DPC_AGC_GEAR_LUT_
SIZE
RW
1
7-0
Defines the number of gears for the lookup table
(LUT, value can be between 1...15)
0x82
DPC_AGC_GEAR_LUT
RW
15
-
Defines the Gear Setting for each step size starting
with Gear0 at lowest address up to 15 gears. Each
entry contains a definition for the DPC_CONFIG
register content. Bits 8:11 are not taken into
account.
Table 41.
EEPROM Addresses …continued
EEPROM
Address
(HEX)
Field / Value
Access Size
(bytes)
Bits
Comments


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com