Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 40 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 36Page - NXP Semiconductors OM25180FDKM Datasheet HTML 37Page - NXP Semiconductors OM25180FDKM Datasheet HTML 38Page - NXP Semiconductors OM25180FDKM Datasheet HTML 39Page - NXP Semiconductors OM25180FDKM Datasheet HTML 40Page - NXP Semiconductors OM25180FDKM Datasheet HTML 41Page - NXP Semiconductors OM25180FDKM Datasheet HTML 42Page - NXP Semiconductors OM25180FDKM Datasheet HTML 43Page - NXP Semiconductors OM25180FDKM Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
40 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
0x1A
IRQ_PIN_CONFIG
RW
1
7-0
Configures the state (active high/low) and clearing
conditions for the IRQ pin
0
Cleared: IRQ active low
Set: IRQ active high
1
Cleared: Use IRQ_SET_CLEAR_REG to clear IRQ
pin
Set: Auto Clear on Read of IRQ_STATUS_REG
0x1B
MISO_PULLUP_ENABLE
RW
1
7-0
Configures the pullup resistor for the SPI MISO
2-0
000b - no pulldown
001b - no pullup
010b - pulldown
011b - pullup
7-3
04h - FFh RFU
0x1C
PLL_DEFAULT_SETTING
RW
8
PLL configuration of clock input frequency in case
a 13.56 MHz Crystal is not used. The PLL setting
need to be written as two 4-byte words to the
memory, little endian. This means that the e.g the
value for 8 MHz (03A3531002A12210) shall be
written as follows to the EPROM (ascending
addresses starting at 0x1C):
10 53 A3 0310 22 A1 02
8 MHz: 03A35310 - 02A12210
12 MHz: 02A38288 - 02E10190
16 MHz: 02E2A1D8 - 02D11150
24 MHz: 02D35138 - 02E0E158 (default)
0x24
PLL_DEFAULT_SETTING_
ALM
R/W
8
-
PLL configuration for the Active Load Modulation
0x2c
PLL_LOCK_SETTING
R/W
4
31-0
Lock Settings for the PLL - do not change
0x30
CLOCK_CONFIG
RW
1
7-0
Configures the source of the clock, either
27.12 MHz crystal or external clock e.g. 24 MHz
with PLL refactoring
3-0
0000b - PLL
1000b - Crystal
7-4
RFU
0x31
RFU
RW
1
7-0
-
0x32
MFC_AUTH_TIMEOUT
RW
2
15-0
Timeout value used for each of the Auth1 & Auth2
stages during MFC Authenticate (MIFARE
Authenticate). This is an unsigned 16-bit integer
value in little endian order. The timebase for the
timeout is 1.0 microseconds. Example: The default
value of 0x0, 0x5 refers actually to 0x500 (1280
decimal) resulting in a timeout of 1.28 ms for each
of the authentication stages.
Table 41.
EEPROM Addresses …continued
EEPROM
Address
(HEX)
Field / Value
Access Size
(bytes)
Bits
Comments


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
   PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com