Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 4 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 4 Page - NXP Semiconductors

  OM25180FDKM Datasheet HTML 1Page - NXP Semiconductors OM25180FDKM Datasheet HTML 2Page - NXP Semiconductors OM25180FDKM Datasheet HTML 3Page - NXP Semiconductors OM25180FDKM Datasheet HTML 4Page - NXP Semiconductors OM25180FDKM Datasheet HTML 5Page - NXP Semiconductors OM25180FDKM Datasheet HTML 6Page - NXP Semiconductors OM25180FDKM Datasheet HTML 7Page - NXP Semiconductors OM25180FDKM Datasheet HTML 8Page - NXP Semiconductors OM25180FDKM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
4 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
Version 3.6: Automatic Receiver Control added
No silicon initialized with this firmware is available. Usage of this firmware requires an
update by the user.
Version information:
EEPROM address 0x12: 0x06
EEPROM address 0x13: 0x03
Changes of Version 3.6 compared to Version 2.5:
Accessible EEPROM top address is changed to 0xFE
EEPROM functional assignment starting at address 0xD8
EEPROM updates to support using GPO1 during LPCD card detect and GPIO2
during wake-up from standby
Adaptive Receiver configuration (ARC) available: EEPROM table updates for receiver
configuration
Energy of external RF field can be used to operate an external system-power-on
switch
7.
Ordering information
Table 2.
Ordering information
Type number
Package
Name
Description
Version
PN5180A0HN/C1, 551
HVQFN40
Firmware version 3.4. Plastic thermal enhanced very thin quad
flat package; no leads;
32 terminals + 1 central ground; body 6 x 6 x 1.0 mm; delivered
in one tray, bakable, MSL=3.
SOT618-1
PN5180A0HN/C1, 518
HVQFN40
Firmware version 3.4. Plastic thermal enhanced very thin quad
flat package; no leads;
32 terminals + 1 central ground; body 6 x 6 x 1.0 mm; delivered
on reel MSL = 3.
SOT618-1
PN5180A0ET/C1, 151
TFBGA64
Firmware version 3.4. Plastic thin fine-pitch ball grid array
package; 64 balls, delivered in one tray, MSL = 1.
SOT1336-1
PN5180A0ET/C1, 118
TFBGA64
Firmware version 3.4. Plastic thin fine-pitch ball grid array
package; 64 balls, delivered on reel, MSL = 1.
SOT1336-1
PN5180A0HN/C2, 551
HVQFN40
Firmware version 3.5. Plastic thermal enhanced very thin quad
flat package; no leads;
32 terminals + 1 central ground; body 6 x 6 x 1.0 mm; delivered
in one tray, bakable, MSL=3.
SOT618-1


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
   PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com