Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 39 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 35Page - NXP Semiconductors OM25180FDKM Datasheet HTML 36Page - NXP Semiconductors OM25180FDKM Datasheet HTML 37Page - NXP Semiconductors OM25180FDKM Datasheet HTML 38Page - NXP Semiconductors OM25180FDKM Datasheet HTML 39Page - NXP Semiconductors OM25180FDKM Datasheet HTML 40Page - NXP Semiconductors OM25180FDKM Datasheet HTML 41Page - NXP Semiconductors OM25180FDKM Datasheet HTML 42Page - NXP Semiconductors OM25180FDKM Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
39 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
Attention: Test bus must be enabled before in the EEPROM settings (EEPROM address:
0x17, TESTBUS_ENABLE).
The host interface shall use the following sequence:
11.5 Memories
11.5.1 Overview
The PN5180 implements two different memories: EEPROM and RAM.
At start-up, all registers are initialized with default values. For the registers defining the RF
functionality, the default values are not set to execute any contactless communication.
The registers defining the RF functionality are initialized by using the instruction
LOAD_RF_CONFIGURATION.
Using the instruction LOAD_RF_CONFIGURATION, the initialization of the registers
which define the RF behavior of the IC performs an automatic copy of a predefined
EEPROM area (read/write EEPROM section1 and section2, register reset) into the
registers defining the RF behavior.
11.5.2 EEPROM
The EEPROM memory maintains its content during Power-OFF, whereas the RAM
(Buffers) does not keep any data stored in this volatile memory.
The EEPROM address range is from 0x00 to 0xFF.
The EEPROM contains information about Die Identifier, Firmware Version, System
configuration and RF settings for fast configuration.
Table 41.
EEPROM Addresses
EEPROM
Address
(HEX)
Field / Value
Access Size
(bytes)
Bits
Comments
0x00
Die identifier
R
16
-
Each DIE has a unique Identifier
0x10
Product Version
R
2
15-0
Product Version Indicator
0x12
Firmware Version
R
2
15-0
Firmware Version
0x14
EEPROM
Version
R
2
15-0
EEPROM Version Number (default initialization
values)
0x16
IDLE_IRQ_AFTER_BOOT
RW
1
7-0
This enables the IDLE IRQ to be set after the boot
has finished
0x17
TESTBUS_ENABLE
RW
1
7-0
If bit 7 is set, the test bus functionality is enabled.
During this phase, it can happen that the BUSY line
is asserted after the frame is received. Therefore it
is recommended to first set NSS to low, wait until
BUSY goes high and then send the data.
0x18
XTAL_BOOT_TIME
RW
2
15-0
XTAL boot time in us


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
   PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com