Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 36 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 32Page - NXP Semiconductors OM25180FDKM Datasheet HTML 33Page - NXP Semiconductors OM25180FDKM Datasheet HTML 34Page - NXP Semiconductors OM25180FDKM Datasheet HTML 35Page - NXP Semiconductors OM25180FDKM Datasheet HTML 36Page - NXP Semiconductors OM25180FDKM Datasheet HTML 37Page - NXP Semiconductors OM25180FDKM Datasheet HTML 38Page - NXP Semiconductors OM25180FDKM Datasheet HTML 39Page - NXP Semiconductors OM25180FDKM Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
36 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
Description:
This instruction is used to update the RF configuration within the EEPROM. The
command allows updating dedicated EEPROM addresses, in case the complete set does
not require to be updated.
The payload parameters passed following the little endian approach (Least Significant
Byte first).
Condition:
The size of the array of ‘Configuration data’ must be in the range from 1 – 42, inclusive.
The array data elements must contain a set of ‘RF Configuration byte’, ‘Register Address’
and ‘Value’. The field ‘RF Configuration byte’ must be in the range from 0x00 – 0x1C or
0x80-0x9C, inclusive. The address within field ‘Register Address’ must exist within the
respective RF configuration. The ‘Register Value’ contains a value which will be written
into the given register and must be 4 bytes long. If the condition is not fulfilled, an
exception is raised.
RETRIEVE_RF_CONFIG_SIZE
Description:
This command is used to retrieve the size (number of 32-bit registers) of a given RF
configuration. The size is available in the response to this instruction.
Condition:
The field 'RF configuration ID' must be in the range from 0x00 - 0x1C or 0x80-0x9C,
inclusive. If the condition is not fulfilled, an exception is raised.
Parameter
1...42
Array of up to 42 elements {RF configuration byte, Register Address,
Register value}
1 byte
RF Configuration byte: RF configuration for which the
register has to be changed.
1 byte
Register Address: Register Address within the given RF
technology.
4 bytes
Register value: Value which has to be written into the
register.
Response
-
-
Table 34.
RETRIEVE_RF_CONFIG_SIZE PARAMETERS
Payload
length
(byte)
Value/Description
Command code
1
0x14
Parameter
1
RF configuration ID: RF configuration for which the number of
registers has to be retrieved.
Response
1
Number of registers for the selected “RF configuration ID”
Table 33.
UPDATE_RF_CONFIG PARAMETERS
Payload
length (byte)
Value/Description


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
   PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com