Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 35 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 31Page - NXP Semiconductors OM25180FDKM Datasheet HTML 32Page - NXP Semiconductors OM25180FDKM Datasheet HTML 33Page - NXP Semiconductors OM25180FDKM Datasheet HTML 34Page - NXP Semiconductors OM25180FDKM Datasheet HTML 35Page - NXP Semiconductors OM25180FDKM Datasheet HTML 36Page - NXP Semiconductors OM25180FDKM Datasheet HTML 37Page - NXP Semiconductors OM25180FDKM Datasheet HTML 38Page - NXP Semiconductors OM25180FDKM Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
35 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
UPDATE_RF_CONFIG:
Table 32.
LOAD_RF_CONFIG: Selection of protocol register settings
Transmitter: RF
configuration
byte (hex)
Protocol
Speed
(kbit/s)
Receiver: RF
configuration
byte (hex)
Protocol
Speed
(kbit/s)
00
ISO 14443-A / NFC PI-106
106
80
ISO 14443-A / NFC PI-106
106
01
ISO 14443-A
212
81
ISO 14443-A
212
02
ISO 14443-A
424
82
ISO 14443-A
424
03
ISO 14443-A
848
83
ISO 14443-A
848
04
ISO 14443-B
106
84
ISO 14443-B
106
05
ISO 14443-B
212
85
ISO 14443-B
212
06
ISO 14443-B
424
86
ISO 14443-B
424
07
ISO 14443-B
848
87
ISO 14443-B
848
08
FeliCa / NFC PI 212
212
88
FeliCa / NFC PI 212
212
09
FeliCa / NFC PI 424
424
89
FeliCa / NFC PI 212
424
0A
NFC-Active Initiator
106
8A
NFC-Active Initiator
106
0B
NFC-Active Initiator
212
8B
NFC-Active Initiator
212
0C
NFC-Active Initiator
424
8C
NFC-Active Initiator
424
0D
ISO 15693 ASK100
26
8D
ISO 15693
26
0E
ISO 15693 ASK10
26
8E
ISO 15693
53
0F
ISO 18003M3 Manch. 424_4 Tari=18.88
8F
ISO 18003M3 Manch. 424_4
106
10
ISO 18003M3 Manch. 424_2 Tari=9.44
90
ISO 18003M3 Manch. 424_2
212
11
ISO 18003M3 Manch. 848_4 Tari=18.88
91
ISO 18003M3 Manch. 848_4
212
12
ISO 18003M3 Manch. 848_2 Tari=9.44
92
ISO 18003M3 Manch. 848_2
424
13
ISO 18003M3 Manch. 424_4 106
93
ISO 14443-A PICC
106
14
ISO 14443-A PICC
212
94
ISO 14443-A PICC
212
15
ISO 14443-A PICC
424
95
ISO 14443-A PICC
424
16
ISO 14443-A PICC
848
96
ISO 14443-A PICC
848
17
NFC Passive Target
212
97
NFC Passive Target
212
18
NFC Passive Target
424
98
NFC Passive Target
424
19
NFC Active Target 106
106
99
ISO 14443-A
106
1A
NFC Active Target 212
212
9A
ISO 14443-A
212
1B
NFC Active Target 424
424
9B
ISO 14443-A
424
1C
GTM
ALL
9C
GTM
ALL
Table 33.
UPDATE_RF_CONFIG PARAMETERS
Payload
length (byte)
Value/Description
Command
code
1
0x13


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
   PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com