Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 33 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 29Page - NXP Semiconductors OM25180FDKM Datasheet HTML 30Page - NXP Semiconductors OM25180FDKM Datasheet HTML 31Page - NXP Semiconductors OM25180FDKM Datasheet HTML 32Page - NXP Semiconductors OM25180FDKM Datasheet HTML 33Page - NXP Semiconductors OM25180FDKM Datasheet HTML 34Page - NXP Semiconductors OM25180FDKM Datasheet HTML 35Page - NXP Semiconductors OM25180FDKM Datasheet HTML 36Page - NXP Semiconductors OM25180FDKM Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
33 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
EPC_RETRIEVE_INVENTORY_RESULT
Description:
This instruction is used to retrieve the result of a preceding or
EPC_RESUME_INVENTORY instruction. The size of the payload within the response is
determined by the ‘Response Size’ field of
EPC_RETRIEVE_INVENTORY_RESULT_SIZE response. Depending on the ‘Timeslot
Processed Behavior’ defined in that instruction, the result contains one or more time slot
responses. Each timeslot response contains a status (field ‘Timeslot Status’) which
indicates, that there has been a valid tag reply or a collision or no tag reply:
0 - Tag response available, XPC/PC/UII embedded in the response within 'Tag reply'
field
1 - Tag response available and tag handle retrieved. XPC/PC/UII as well as tag handle
available in the response within 'Tag reply' field and 'Tag Handle' field, respectively.
2 - No tag replied, empty time slot
3 - Collision, two or more tags replied in the same time slot
Condition:
Field 'RFU' must be present and can be set to any value. If the condition is not fulfilled, an
exception is raised.
LOAD_RF_CONFIG
Description:
This instruction is used to load the RF configuration from EEPROM into the configuration
registers. The configuration refers to a unique combination of “mode” (target/initiator) and
“baud rate”. The configurations can be loaded separately for the receiver (Receiver
configuration) and transmitter (Transmitter configuration).
Table 30.
EPC_RETRIEVE_INVENTORY_RESULT PARAMETERS
Payload
Length
(byte)
Value/Description
Command code
1
0x10
Parameter
1
0x00
Response
2
Response size
If Response size == 0: Inventory has finished.
If Response size == 1...512: Value indicates the length of the
EPC_RETRIEVE_INVENTORY_RESULT response payload
Table 31.
LOAD_RF_CONFIG PARAMETERS
Payload
length
(byte)
Value/Description
Command code
1
0x11
Parameter
1
Transmitter configuration byte
1
Receiver configuration byte
Response
0
-


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
   PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com