Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 3 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 3 Page - NXP Semiconductors

  OM25180FDKM Datasheet HTML 1Page - NXP Semiconductors OM25180FDKM Datasheet HTML 2Page - NXP Semiconductors OM25180FDKM Datasheet HTML 3Page - NXP Semiconductors OM25180FDKM Datasheet HTML 4Page - NXP Semiconductors OM25180FDKM Datasheet HTML 5Page - NXP Semiconductors OM25180FDKM Datasheet HTML 6Page - NXP Semiconductors OM25180FDKM Datasheet HTML 7Page - NXP Semiconductors OM25180FDKM Datasheet HTML 8Page - NXP Semiconductors OM25180FDKM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
3 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
4.
Applications
Payment
Physical-access
eGov
Industrial
5.
Quick reference data
6.
Versions
Available firmware versions:
Version 3.4: Allows EMVCO 2.3.1 compliant EMD error handling
Version information:
EEPROM address 0x12: 0x04
EEPROM address 0x13: 0x03
Version 3.5: Allows EMVCO 2.5 compliant EMD error handling
Version information:
EEPROM address 0x12: 0x05
EEPROM address 0x13: 0x03
Changes of Version 2.5 compared to Version 2.4:
The EMD_CONTROL register is updated to support EMVCo 2.5.
Adaptive Waveform Control (AWC) implemented
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD(VBAT)
supply voltage on pin VBAT
-
2.7
3.3
5.5
V
VDD(PVDD)
supply voltage on pin PVDD
1.8 V supply
1.65
1.8
1.95
V
3.3 V supply
2.7
3.3
3.6
V
VDD(TVDD)
supply voltage on pin TVDD
-
2.7
5.0
5.5
V
Ipd
power-down current
VDD(TVDD) = VDD(PVDD)
=VDD(VDD) 3.0 V; hard
power-down; pin RESET_N
set LOW, Tamb = 25 °C
-10
-
A
Istb
standby current
Tamb = 25 °C
-
15
-
A
IDD(TVDD)
supply current on pin TVDD
-
-
180
250
mA
Tamb
ambient temperature
in still air with exposed pins
soldered on a 4 layer
JEDEC PCB
30
+25
+85
°C
Tstg
storage temperature
no supply voltage applied
55
+25
+150
°C


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
   PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com