Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 27 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 23Page - NXP Semiconductors OM25180FDKM Datasheet HTML 24Page - NXP Semiconductors OM25180FDKM Datasheet HTML 25Page - NXP Semiconductors OM25180FDKM Datasheet HTML 26Page - NXP Semiconductors OM25180FDKM Datasheet HTML 27Page - NXP Semiconductors OM25180FDKM Datasheet HTML 28Page - NXP Semiconductors OM25180FDKM Datasheet HTML 29Page - NXP Semiconductors OM25180FDKM Datasheet HTML 30Page - NXP Semiconductors OM25180FDKM Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
27 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
Field ‘Wake-up Counter Value’ () defines the period between two LPCD attempts (=time
PN5180 remains in standby) as has to be in the range from 1 to 2690, inclusive. No
instructions must be sent while being in this mode. Termination is indicated using an
interrupt.
In case field ‘Mode’ is set to 2 (Autocoll):
Field ‘RF Technologies’ must contain a bit mask indicating the RF Technologies to support
during Autocoll, according to Field ‘Autocoll Mode’ must be in the range from 0 to 2,
inclusive. No instructions must be sent while being in this mode. Termination is indicated
using an interrupt.
Table 21.
LPCD wake-up counter configuration
Parameter
Length (bytes)
Value/Description
Wake-up Counter Value
2
Used value for wake-up counter in msecs.
Maximum supported value is 2690.
Table 22.
Autocoll wake-up counter configuration
Parameter
Length (bytes)
Value/Description
Wake-up Counter Value
2
Used value for wake-up counter in msecs.
Maximum supported value is 2690.
Table 23.
Autocoll parameter
Parameter
Length (bytes)
Value/Description
RF Technologies
1
Bit mask indicating the RF technology to listen
for during Autocoll
Autocoll Mode
1
0
Autonomous mode not used, i.e. Autocoll
terminates when external RF field is not
present.
1
Autonomous mode used. When no RF field
is present, Autocoll automatically enters
standby mode. Once RF external RF field
is detected, PN5180 enters again Autocoll
mode.
2
Same as 1 but without entering standby
mode.
Table 24.
Autocoll bit mask indicating the RF technologies
b7
b6
b5
b4
b3
b2
b1
b1
0
000
RFU
X
If set, listening for NFC-F active is enabled
X
If set, listening for NFC-A active is enabled
X
If set, listening for NFC-F is enabled
X
If set, listening for NFC-A s enabled


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com