Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 26 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 22Page - NXP Semiconductors OM25180FDKM Datasheet HTML 23Page - NXP Semiconductors OM25180FDKM Datasheet HTML 24Page - NXP Semiconductors OM25180FDKM Datasheet HTML 25Page - NXP Semiconductors OM25180FDKM Datasheet HTML 26Page - NXP Semiconductors OM25180FDKM Datasheet HTML 27Page - NXP Semiconductors OM25180FDKM Datasheet HTML 28Page - NXP Semiconductors OM25180FDKM Datasheet HTML 29Page - NXP Semiconductors OM25180FDKM Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
26 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
Description:
This instruction is used to switch the mode. It is only possible to switch from normal mode
to Standby, LPCD or Autocoll mode. Switching back to normal mode is not possible using
this instruction. The modes Standby, LPCD and Autocoll terminate on specific conditions.
Once a configured mode (Standby, LPCD, Autocoll) terminates, normal mode is entered
again.
To force an exit from Standby, LPCD or Autocoll mode to normal mode, the host controller
has to reset the PN5180.
Condition:
Parameter ‘mode’ has to be in the range from 0 to– 2, inclusive. Dependent on the
selected mode, different parameters have to be passed:
In case parameter ‘mode’ is set to 0 (Standby):
Field ‘Wake-up Control’ must contain a bit mask indicating the enabled wake-up sources
and if GPO shall be toggled. Field ‘Wake-up Counter Value’ must contain the value used
for the wake-up counter (= time PN5180 remains in standby). The value shall be in the
range from 1 – 2690, inclusive.
The field has to be present, even if wake-up counter is not defined as wake-up source. In
this case, the field ‘wake-up Counter value’ is ignored. No instructions must be sent while
being in this mode. Termination is indicated using an interrupt.
In case parameter ‘mode’ is set to 1 (LPCD):
Parameter
1
Mode
1...n
Array of ‘n’ elements {Mode parameter}
1 byte
Mode parameter: Number of total bytes depends on
selected mode
Return value
-
-
Table 19.
Standby configuration
Parameter
Length (byte)
Value/Description
Wake-up Control
1
Bit mask controlling the wake-up source to be
used and GPO handling.
Wake-up Counter Value
2
Used value for wake-up counter in msecs.
Maximum supported value is 2690
Table 20.
Standby wake-up counter configuration
b7
b6
b5
b4
b3
b2
b1
b1
0
000
00
RFU
X
Wake-up on external RF field, if bit is set to
1b.
X
Wake-up on wake-up counter expires, if bit is
set to 1b.
Table 18.
SWITCH_MODE
Payload
Length
(byte)
Value/Description


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
   PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com