![]() |
Electronic Components Datasheet Search |
|
OM25180FDKM Datasheet(PDF) 23 Page - NXP Semiconductors |
|
|
OM25180FDKM Datasheet(HTML) 23 Page - NXP Semiconductors |
23 / 149 page ![]() PN5180 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2016. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.0 — 7 October 2016 240930 23 of 149 NXP Semiconductors PN5180 High-performance multi-protocol full NFC Forum-compliant frontend This command is used to read up to 18 configuration registers at once. The addresses are allowed to be in random order. The result (data of each register) is provided in the response to the command. Only the register values are included in the response. The order of the register contents within the response corresponds to the order of the register addresses within the command parameter. Condition: The address of the register must exist. The size of ‘Register Address’ array must be in the range from 1 – 18, inclusive. If the condition is not fulfilled, an exception is raised. WRITE_EEPROM Description: This command is used to write up to 255 bytes to the EEPROM. The field ‘EEPROM content’ contains the data to be written to EEPROM starting at the address given by byte ‘EEPROM Address’. The data is written in sequential order. Condition: The EEPROM Address field must be in the range from 0 – 254, inclusive. The number of bytes within ‘Values’ field must be in the range from 1 – 255, inclusive. If the condition is not fulfilled, an exception is raised. READ_EEPROM Description: Table 12. WRITE_EEPROM Payload length (byte) Value/Description Command code 1 0x06 Parameter 1 Address in EEPROM from which write operation starts {EEPROM Address} 1..255 Array of up to 255 elements {EEPROM content} 1 byte EEPROM content Response - - Table 13. READ_EEPROM Payload Length (byte) Value/Description Command code 1 0x07 Parameter 1 Address in EEPROM from which read operation starts (EEPROM Address) 1 Number of bytes to read from EEPROM Response 1..255 Array of up to 255 elements {EEPROM content} 1 byte EEPROM content |
Similar Part No. - OM25180FDKM |
|
Similar Description - OM25180FDKM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |