Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 21 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 17Page - NXP Semiconductors OM25180FDKM Datasheet HTML 18Page - NXP Semiconductors OM25180FDKM Datasheet HTML 19Page - NXP Semiconductors OM25180FDKM Datasheet HTML 20Page - NXP Semiconductors OM25180FDKM Datasheet HTML 21Page - NXP Semiconductors OM25180FDKM Datasheet HTML 22Page - NXP Semiconductors OM25180FDKM Datasheet HTML 23Page - NXP Semiconductors OM25180FDKM Datasheet HTML 24Page - NXP Semiconductors OM25180FDKM Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
21 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
Description:
This instruction allows processing actions on multiple addresses with a single command.
Input parameter is an array of register addresses, actions, and values (little endian). The
command processes this array, register addresses are allowed to be in random order. For
each address, an individual ACTION can be defined.
Parameter value is either the REGISTER_DATA, the OR MASK or the AND_MASK.
ACTION that can be defined individually for each register address:
0x01 WRITE_REGISTER
0x02 WRITE_REGISTER_OR_MASK
0x03 WRITE_REGISTER_AND_MASK
Note: In case of an exception, the operation is not rolled-back, i.e. registers which have
been modified until exception occurs remain in modified state. Host has to take proper
actions to recover to a defined state.
Parameter
5...210
Array of up to 42 elements {address, action, content}
1 byte
Register address
1 byte
Action
4 bytes Register content
Response
-
-
Table 9.
WRITE_REGISTER_MULTIPLE
Payload
Length
(byte)
Value/Description
Fig 12. Write_Register_Multiple
aaa-023442
Command:
0x03
Byte 1
Write Multiple Registers:
Register
address
Byte 2
WRITE_REGISTER:
0x01
Byte 3
Register
content
Byte 4
LSB
MSB
....
Register
content
Byte 5
Register
content
Byte 6
Register
content
Byte 7
Fig 13. WRITE_REGISTER_OR_MASK
aaa-024843
Command:
0x03
Byte 1
Modifying Multiple Registers with OR mask:
Register
address
Byte 2
WRITE_REGISTER:
_OR_MASK:
0x02
Byte 3
MASK
Byte 4
LSB
MSB
....
MASK
Byte 5
MASK
Byte 6
MASK
Byte 7


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
   PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com