Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 19 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 15Page - NXP Semiconductors OM25180FDKM Datasheet HTML 16Page - NXP Semiconductors OM25180FDKM Datasheet HTML 17Page - NXP Semiconductors OM25180FDKM Datasheet HTML 18Page - NXP Semiconductors OM25180FDKM Datasheet HTML 19Page - NXP Semiconductors OM25180FDKM Datasheet HTML 20Page - NXP Semiconductors OM25180FDKM Datasheet HTML 21Page - NXP Semiconductors OM25180FDKM Datasheet HTML 22Page - NXP Semiconductors OM25180FDKM Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
19 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
The following direct instructions are supported on the Host Interface: Detail Description of
the instruction.
WRITE_REGISTER
Description:
This command is used to write a 32-bit value (little endian) to a configuration register.
Condition:
The address of the register must exist. If the condition is not fulfilled, an exception is
raised.
MIFARE_AUTHENTICATE
0x0C
This instruction is used to perform a MIFARE Classic Authentication on
an activated card.
EPC_INVENTORY
0x0D
This instruction is used to perform an inventory of ISO18000-3M3 tags.
EPC_RESUME_INVENTORY
0x0E
This instruction is used to resume the inventory algorithm in case it is
paused.
EPC_RETRIEVE_INVENTORY_R
ESULT_SIZE
0x0F
This instruction is used to retrieve the size of the inventory result.
EPC_RETRIEVE_INVENTORY_R
ESULT
0x10
This instruction is used to retrieve the result of a preceding
EPC_INVENTORY or EPC_RESUME_INVENTORY instruction.
LOAD_RF_CONFIG
0x11
This instruction is used to load the RF configuration from EEPROM into
the configuration registers.
UPDATE_RF_CONFIG
0x12
This instruction is used to update the RF configuration within EEPROM.
RETRIEVE_RF_CONFIG_SIZE
0x13
This instruction is used to retrieve the number of registers for a selected
RF configuration
RETRIEVE_RF_CONFIG
0x14
This instruction is used to read out an RF configuration. The register
address-value-pairs are available in the response
RF_ON
0x16
This instruction switch on the RF Field
RF_OFF
0x17
This instruction switch off the RF Field
ENABLE_TESTBUS_DIGITAL
0x18
Enables the Digital test bus
ENABLE_TESTBUS_ANALOG
0x19
Enables the Analog test bus
Table 5.
1-Byte Direct Commands and Direct Command Codes
Command
Command
code
Description
Table 6.
WRITE_REGISTER
Payload
Length
(byte)
Value/Description
Command code
1
0x00
Parameter
1
Register address
4
Register content
Response
-
-


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
   PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com