Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 18 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 14Page - NXP Semiconductors OM25180FDKM Datasheet HTML 15Page - NXP Semiconductors OM25180FDKM Datasheet HTML 16Page - NXP Semiconductors OM25180FDKM Datasheet HTML 17Page - NXP Semiconductors OM25180FDKM Datasheet HTML 18Page - NXP Semiconductors OM25180FDKM Datasheet HTML 19Page - NXP Semiconductors OM25180FDKM Datasheet HTML 20Page - NXP Semiconductors OM25180FDKM Datasheet HTML 21Page - NXP Semiconductors OM25180FDKM Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
18 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
Direct Instructions are built of a command code (1 Byte) and the instruction parameters
(max. 260 bytes). The actual payload size depends on the instruction used.
Responses to direct instructions contain only a payload field (no header). All instructions
are bound to conditions. If at least one of the conditions is not fulfilled, an exception is
raised.
In case of an exception, the IRQ line of PN5180 is asserted and corresponding interrupt
status register contain information on the exception.
11.4.3.2
Transmission Buffer
Two buffers are implemented in the PN5180. The transmission buffer has a buffer size of
260 bytes, the reception buffer has a size of 508 bytes. Both memories buffer the input
and output data streams between the host and the internal state machine / contactless
UART of the PN5180. Thus, it is possible to handle data streams with lengths of up to
260 bytes for transmission and up to 508 bytes for reception without taking timing
constraints into account.
11.4.3.3
Host Interface Command List
Fig 11. Instruction Response
aaa-023431
Payload 1
Payload 2
Payload N
Byte 1
Byte 2
Byte N
......
Table 5.
1-Byte Direct Commands and Direct Command Codes
Command
Command
code
Description
WRITE_REGISTER
0x00
Write one 32bit register value
WRITE_REGISTER_OR_MASK
0x01
Sets one 32bit register value using a 32 bit OR mask
WRITE_REGISTER_AND_MASK
0x02
Sets one 32bit register value using a 32 bit AND mask
WRITE_REGISTER_MULTIPLE
0x03
Processes an array of register addresses in random order and performs
the defined action on these addresses.
READ_REGISTER
0x04
Reads one 32bit register value
READ_REGISTER_MULTIPLE
0x05
Reads from an array of max.18 register addresses in random order
WRITE_EEPROM
0x06
Processes an array of EEPROM addresses in random order and writes
the value to these addresses
READ_EEPROM
0x07
Processes an array of EEPROM addresses from a start address and
reads the values from these addresses
WRITE_TX_DATA
0x08
This instruction is used to write data into the transmission buffer
SEND_DATA
0x09
This instruction is used to write data into the transmission buffer, the
START_SEND bit is automatically set.
READ_DATA
0x0A
This instruction is used to read data from reception buffer, after
successful reception.
SWITCH_MODE
0x0B
This instruction is used to switch the mode. It is only possible to switch
from NormalMode to standby, LPCD or Autocoll.


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
   PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com