Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A15 Datasheet(PDF) 3 Page - XP Power Limited

Part # A15
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

A15 Datasheet(HTML) 3 Page - XP Power Limited

  A15 Datasheet HTML 1Page - XP Power Limited A15 Datasheet HTML 2Page - XP Power Limited A15 Datasheet HTML 3Page - XP Power Limited A15 Datasheet HTML 4Page - XP Power Limited A15 Datasheet HTML 5Page - XP Power Limited A15 Datasheet HTML 6Page - XP Power Limited A15 Datasheet HTML 7Page - XP Power Limited A15 Datasheet HTML 8Page - XP Power Limited A15 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
4389U04
PAGE 3
WWW.XPPOWER.COM
The A Series is a new line of ultra-miniature, DC to HV DC converters that
set an industry standard in high voltage miniaturization. This unique pack-
age occupies less than one tenth of a cubic inch of volume*5, and features
an extremely low profile of only 0.250 inches (6.35mm)! Controllable out-
put voltages range from 100 volts to 6000 volts. These component-sized
converters are ideal for applications requiring minimal size and weight.
Turn-on voltage is very low at less than 0.7 volts, allowing for wide output
voltage operating range. Use of a resonant, quasi-sinewave oscillator and
fully shielded transformer result in clean, reliable high voltage conversion
with inherently low ripple, EMI/RFI and input ripple current, making this
product ideal for integration into noise sensitive equipment.
A separate high impedance control pin is standard and is designed for
external error amplifier and/or DAC control in closed or open loop systems.
Or simply connect the control pin to the + input for proportional input to
output operation (see schematic and performance charts below).
Output power is 1 watt standard, with 1.5 watts available as an option. No
minimum load is required. A proprietary vacuum encapsulation process and
custom 94V-0 listed, high performance formula are used to achieve excellent
high voltage and thermal properties. Isolation is +/- 500V bias on the output
return. Input to output leakage current is very low at less than 100 nA and
coupling capacitance is also low at <250 pF.
The new A Series leverages XP EMCO’s Best-in-Class long term reli-
ability, utilizing proven DC to high voltage DC conversion technology,
perfected by over four decades of high voltage design experience in the
most demanding applications. Our extensive in-house capabilities enable
us to meet specific customer requirements with standard, modified and
custom solutions quickly, easily, and economically. Technical assistance is
readily available.
PARAMETER
VALUE
INPUT VOLTAGE
0 TO 5, 12, OR 24V (FOR MODELS UP TO 3KV)
0 TO 5V (FOR MODELS OVER 3KV)
TURN-ON VOLTAGE
<0.7 VDC
ISOLATION
< +/- 500V BIAS ON PIN 4
OUTPUT VOLTAGE TOLERANCE
+10%, -10% FULL LOAD, MAX. INPUT VOLTAGE
INPUT/OUTPUT COUPLING CAPACITANCE
<250 pf TYPICAL
INPUT/OUTPUT LEAKAGE CURRENT
<100 nA TYPICAL
CONTROL PIN
0 to MAX. INPUT VOLTAGE
INTERNAL OSCILLATOR FREQUENCY
50kHz - 350kHz
STANDARD TEMPERATURE RANGES
OPERATING: -25° TO +75°C*6 (CASE)
STORAGE: -55° TO +105°C
EXTENDED TEMPERATURE RANGES (-T OPTION)
OPERATING: -55 TO +85°C*6 (CASE) [A Models / 1.0W]
STORAGE: -55° TO +105°C
DETAILED PRODUCT DESCRIPTION
A SERIES
ELECTRICAL SPECIFICATIONS*3


Similar Part No. - A15

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A15 DBLECTRO-A15 Datasheet
233Kb / 1P
   LOW PROFILE HIGH DENSITY DIP PLUG
logo
List of Unclassifed Man...
A15 ETC2-A15 Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
logo
Advanced Power Electron...
A15 A-POWER-A15 Datasheet
107Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
CIT Relay & Switch
A15 CIT-A15 Datasheet
87Kb / 2P
   Switching capacity up to 20A
logo
New Jersey Semi-Conduct...
A15 NJSEMI-A15 Datasheet
81Kb / 1P
   Passivated Rectifier
More results

Similar Description - A15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com