Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV887720D1R2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV887720D1R2G
Description  Automotive Grade Start-Stop Non-Synchronous Boost Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV887720D1R2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCV887720D1R2G Datasheet HTML 1Page - ON Semiconductor NCV887720D1R2G Datasheet HTML 2Page - ON Semiconductor NCV887720D1R2G Datasheet HTML 3Page - ON Semiconductor NCV887720D1R2G Datasheet HTML 4Page - ON Semiconductor NCV887720D1R2G Datasheet HTML 5Page - ON Semiconductor NCV887720D1R2G Datasheet HTML 6Page - ON Semiconductor NCV887720D1R2G Datasheet HTML 7Page - ON Semiconductor NCV887720D1R2G Datasheet HTML 8Page - ON Semiconductor NCV887720D1R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2016
September, 2016 − Rev. 7
1
Publication Order Number:
NCV8877/D
NCV8877
Automotive Grade
Start-Stop Non-Synchronous
Boost Controller
The NCV8877 is a Non-Synchronous Boost controller designed to
supply a minimum output voltage during Start-Stop vehicle operation
battery voltage sags. The controller drives an external N-channel
MOSFET. The device uses peak current mode control with internal
slope compensation. The IC incorporates an internal regulator that
supplies charge to the gate driver.
Protection features include, cycle-by-cycle current limiting and
thermal shutdown.
Additional features include low quiescent current sleep mode
operation. The NCV8877 is enabled when the supply voltage drops
below the wake up threshold. Boost Operation is initiated when the
supply voltage drops below the regulation set point.
Features
Automatic Enable Below Wake Up Threshold Voltage (Factory
Programmable)
Override Disable Function
Boost Mode Operation at Regulation Set Point
$2% Output Accuracy Over Temperature Range
Peak Current Mode Control with Internal Slope Compensation
Externally Adjustable Frequency Operation
Wide Input Voltage Range of 2 V to 40 V, 45 V Load Dump
Low Quiescent Current in Sleep Mode (<12 mA Typical)
Cycle−by−Cycle Current Limit Protection
Hiccup−Mode Overcurrent Protection (OCP)
Thermal Shutdown (TSD)
This is a Pb−Free Device
Typical Applications
Applications Requiring Regulated Voltage through Cranking and
Start−Stop Operation
MARKING
DIAGRAM
www.onsemi.com
SOIC−8
D SUFFIX
CASE 751
1
8
PIN CONNECTIONS
1
8
2
3
4
7
6
5
(Top View)
DISB
ISNS
GND
GDRV
ROSC
VC
VOUT
VDRV
8877xx = Specific Device Code
xx = 00, 01, 20, 40
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
8877xx
ALYW
G
1
8
Device
Package
Shipping
ORDERING INFORMATION
NCV887700D1R2G
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NCV887701D1R2G
NCV887720D1R2G
SOIC−8
(Pb−Free)
2500 / Tape &
Reel
NCV887740D1R2G
NCV887711D1R2G
NCV887721D1R2G


Similar Part No. - NCV887720D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV887720D1R2G ONSEMI-NCV887720D1R2G Datasheet
128Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 5
NCV887720D1R2G ONSEMI-NCV887720D1R2G Datasheet
131Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
April, 2017 ??Rev. 9
NCV887720D1R2G ONSEMI-NCV887720D1R2G Datasheet
257Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
November, 2021 ??Rev. 11
More results

Similar Description - NCV887720D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8876 ONSEMI-NCV8876 Datasheet
148Kb / 11P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
June, 2013 ??Rev. 1
NCV8877 ONSEMI-NCV8877_17 Datasheet
131Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
April, 2017 ??Rev. 9
NCV8877 ONSEMI-NCV8877 Datasheet
128Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 5
NCV8878 ONSEMI-NCV8878_16 Datasheet
208Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
August, 2016 ??Rev. 2
NCV8876 ONSEMI-NCV8876_16 Datasheet
212Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
NCV8878 ONSEMI-NCV8878 Datasheet
126Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 1
NCV8877 ONSEMI-NCV8877_V01 Datasheet
257Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
November, 2021 ??Rev. 11
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV887200 ONSEMI-NCV887200 Datasheet
145Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
June, 2015 ??Rev. 7
NCV8871 ONSEMI-NCV8871_16 Datasheet
242Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com