Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV887720D1R2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV887720D1R2G
Description  Automotive Grade Start-Stop Non-Synchronous Boost Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV887720D1R2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV887720D1R2G Datasheet HTML 3Page - ON Semiconductor NCV887720D1R2G Datasheet HTML 4Page - ON Semiconductor NCV887720D1R2G Datasheet HTML 5Page - ON Semiconductor NCV887720D1R2G Datasheet HTML 6Page - ON Semiconductor NCV887720D1R2G Datasheet HTML 7Page - ON Semiconductor NCV887720D1R2G Datasheet HTML 8Page - ON Semiconductor NCV887720D1R2G Datasheet HTML 9Page - ON Semiconductor NCV887720D1R2G Datasheet HTML 10Page - ON Semiconductor NCV887720D1R2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NCV8877
www.onsemi.com
7
TYPICAL CHARACTERISTICS
15
TJ, JUNCTION TEMPERATURE (°C)
Figure 3. Sleep Current vs. Temperature
2.12
−50
0
150
50
100
TJ, JUNCTION TEMPERATURE (°C)
Figure 4. Quiescent Current vs. Temperature
14
13
12
11
10
2.10
2.08
2.06
2.04
2.02
2.00
VOUT = VOUT,reg < VOUT < VOUT descending
fs = 170 kHz
124
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. Minimum On Time vs. Temperature
−50
0
150
50
100
123
122
121
120
119
118
117
116
115
1.020
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Normalized Current vs. Temperature
−50
0
150
50
100
1.005
1.000
0.990
0.980
TJ, JUNCTION TEMPERATURE (°C)
Figure 7. VOUT Regulation vs. Temperature
−50
0
150
50
100
1.000
0.998
0.996
169.0
TJ, JUNCTION TEMPERATURE (°C)
Figure 8. Switching Frequency vs.
Temperature
−50
0
150
50
100
168.8
168.6
168.4
168.2
168.0
167.8
167.6
167.4
167.2
167.0
ROSC = Open
−50
0
150
50
100
VOUT = 13.2 V
0.995
0.985
1.010
1.015
1.002
1.004
1.006


Similar Part No. - NCV887720D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV887720D1R2G ONSEMI-NCV887720D1R2G Datasheet
128Kb / 15P
Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 5
NCV887720D1R2G ONSEMI-NCV887720D1R2G Datasheet
131Kb / 17P
Automotive Grade Start-Stop Non-Synchronous Boost Controller
April, 2017 ??Rev. 9
NCV887720D1R2G ONSEMI-NCV887720D1R2G Datasheet
257Kb / 17P
Automotive Grade Start-Stop Non-Synchronous Boost Controller
November, 2021 ??Rev. 11
More results

Similar Description - NCV887720D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8876 ONSEMI-NCV8876 Datasheet
148Kb / 11P
Automotive Grade Start-Stop Non-Synchronous Boost Controller
June, 2013 ??Rev. 1
NCV8877 ONSEMI-NCV8877 Datasheet
128Kb / 15P
Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 5
NCV8878 ONSEMI-NCV8878 Datasheet
126Kb / 15P
Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 1
NCV887200 ONSEMI-NCV887200 Datasheet
145Kb / 16P
Automotive Grade Non-Synchronous Boost Controller
June, 2015 ??Rev. 7
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV8871 ONSEMI-NCV8871_16 Datasheet
242Kb / 17P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
NCV8876 ONSEMI-NCV8876_16 Datasheet
212Kb / 15P
Automotive Grade Start-Stop Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
NCV8878 ONSEMI-NCV8878_16 Datasheet
208Kb / 15P
Automotive Grade Start-Stop Non-Synchronous Boost Controller
August, 2016 ??Rev. 2
NCV8877 ONSEMI-NCV8877_17 Datasheet
131Kb / 17P
Automotive Grade Start-Stop Non-Synchronous Boost Controller
April, 2017 ??Rev. 9
NCV8877 ONSEMI-NCV8877_V01 Datasheet
257Kb / 17P
Automotive Grade Start-Stop Non-Synchronous Boost Controller
November, 2021 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com