Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC68681C1A44 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SCC68681C1A44
Description  Dual asynchronous receiver/transmitter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC68681C1A44 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SCC68681C1A44 Datasheet HTML 14Page - NXP Semiconductors SCC68681C1A44 Datasheet HTML 15Page - NXP Semiconductors SCC68681C1A44 Datasheet HTML 16Page - NXP Semiconductors SCC68681C1A44 Datasheet HTML 17Page - NXP Semiconductors SCC68681C1A44 Datasheet HTML 18Page - NXP Semiconductors SCC68681C1A44 Datasheet HTML 19Page - NXP Semiconductors SCC68681C1A44 Datasheet HTML 20Page - NXP Semiconductors SCC68681C1A44 Datasheet HTML 21Page - NXP Semiconductors SCC68681C1A44 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Philips Semiconductors
Product data
SCC68681
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
18
Output Port Notes
The output ports are controlled from three places: the OPCR
register, the OPR register, and the MR registers. The default source
of data for the OP[7:0] pins is the OPR register. When the OPR is
the source for the OP pins, the pins will drive the complement
(inverse) of data in the OPR register.
The OPCR register, the MR register, and the Command register
control the data source for the OP pins. It is this ‘multi-source’
feature of the OP pins that allows them to give the 485 turn-around,
RTS, DMA, interrupt, and various other internal clock signals.
The OPCR controls the source of the data for the output ports OP2
through OP7. The data source for output ports OP0 and OP1 is
controlled by the MR and CR registers. When the OPR is the source
of the data for the output ports, the data at the ports is inverted from
that in the OPR register.
The content of the OPR register is controlled by the ‘Set and Reset
Output Port Bits Commands’. These commands are actually the
addresses at 0xE and 0xF, respectively. When these commands are
used, action takes place only at the bit locations where ones exist
on the data bus. For example, a one in bit location 5 of the data
word used with the ‘Set Output Port Bits’ command will result in
OPR[5] being set to one. The OP[5] pin would then drive a logical
zero (VSS). Similarly, a one in bit position 5 of the data word
associated with the ‘Reset Output Ports Bits’ command would set
OPR[5] to zero, and hence, the pin OP[5] will drive to a one (VDD).
The use of two register locations to control the OPR relieves the
software from the burden of keeping a copy of the OPR settings,
and thus facilitates a bit type manipulation of the individual bits. This
is the same reasoning used in the lower four bits of the command
register where the Rx and Tx enabling is controlled.
The CTS, RTS, CTS Enable Tx signals
CTS (Clear To Send) is usually meant to be a signal to the
transmitter meaning that it may transmit data to the receiver. The
CTS input is on pin MPI. The CTS signal is active LOW; thus, it is
called CTS.
RTS is usually meant to be a signal from the receiver indicating that
the receiver is ready to receive data. It is also active LOW and is,
thus, called RTSN. RTSN is on pin MP0. A receiver’s RTS output
will usually be connected to the CTS input of the associated
transmitter. Therefore, one could say that RTS and CTS are different
ends of the same wire!
MR2(4) is the bit that allows the transmitter to be controlled by the
CTS pin (MPI). When this bit is set to one AND the CTS input is
driven HIGH, the transmitter will stop sending data at the end of the
present character being serialized. It is usually the RTS output of the
receiver that will be connected to the transmitter’s CTS input. The
receiver will set RTS HIGH when the receiver FIFO is full AND the
start bit of the fourth character is sensed. Transmission then stops
with four valid characters in the receiver. When MR2(4) is set to one,
CTSN must be at zero for the transmitter to operate. If MR2(4) is set
to zero, the MP pin will have no effect on the operation of the
transmitter.
MR1(7) is the bit that allows the receiver to control MP0. When MP0
is controlled by the receiver, the meaning of that pin will be RTS.
However, a point of confusion arises in that MP0 may also be
controlled by the transmitter. When the transmitter is controlling this
pin, its meaning is not RTS at all. It is, rather, that the transmitter has
finished sending its last data byte. Programming the MP0 pin to be
controlled by the receiver and the transmitter at the same time is
allowed, but would usually be incompatible.
RTS is expressed at the MP0 pin which is still an output port.
Therefore, the state of MP0 should be set LOW for the receiver to
generate the proper RTS signal. The logic at the output is basically a
NAND of the MP0 bit register and the RTS signal as generated by
the receiver. When the RTS flow control is selected via the MR(7) bit
the state of the MP0 register is not changed. Terminating the use of
‘Flow Control’ (via the MR registers) will return the MP0 pin to the
control of the MP0 register.


Similar Part No. - SCC68681C1A44

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692C1A44 PHILIPS-SCC68692C1A44 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692C1F40 PHILIPS-SCC68692C1F40 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692C1N40 PHILIPS-SCC68692C1N40 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692E1A44 PHILIPS-SCC68692E1A44 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
More results

Similar Description - SCC68681C1A44

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68681 MOTOROLA-MC68681 Datasheet
964Kb / 35P
   Dual Asynchronous Receiver/Transmitter
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
logo
Exar Corporation
ST162552 EXAR-ST162552 Datasheet
121Kb / 28P
   DUAL ASYNCHRONOUS RECEIVER/TRANSMITTER WITH FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com