Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC68681 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SCC68681
Description  Dual asynchronous receiver/transmitter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC68681 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SCC68681 Datasheet HTML 16Page - NXP Semiconductors SCC68681 Datasheet HTML 17Page - NXP Semiconductors SCC68681 Datasheet HTML 18Page - NXP Semiconductors SCC68681 Datasheet HTML 19Page - NXP Semiconductors SCC68681 Datasheet HTML 20Page - NXP Semiconductors SCC68681 Datasheet HTML 21Page - NXP Semiconductors SCC68681 Datasheet HTML 22Page - NXP Semiconductors SCC68681 Datasheet HTML 23Page - NXP Semiconductors SCC68681 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Philips Semiconductors
Product data
SCC68681
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
20
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
RATING
UNIT
Tamb
Operating ambient temperature range2
See Note 4
°C
Tstg
Storage temperature range
–65 to +150
°C
All voltages with respect to ground3
–0.5 to +6.0
V
Maximum pin voltages
VSS – 0.5 V to VCC + 0.5 V
V
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other condition above those indicated in the operation section of this specification is not
implied.
2. For operating at elevated temperatures, the device must be derated based on +150
°C maximum junction temperature.
3. This product includes circuitry specifically designed for the protection of its internal devices from damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying any voltages larger than the rated maxima.
4. Parameters are valid over specified temperature range. See Ordering information table for applicable operating temperature range and VCC
supply range.
DC ELECTRICAL CHARACTERISTICS1, 2, 3
Tamb = –40 °C to +85 °C; VCC = 5.0 V ± 10%
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
VIL
LOW-level input voltage
0.8
V
VIH
HIGH-level input voltage (except X1/CLK)
Tamb ≥ 0 °C
2.0
V
VIH
HIGH-level input voltage (except X1/CLK)
Tamb < 0 °C
2.5
V
VIH
HIGH-level input voltage (X1/CLK)
0.8 VCC
V
VOL
LOW-level output voltage
IOL = 2.4 mA
0.4
V
VOH
HIGH-level output voltage (except open-drain outputs)4
IOH = –400 µA
VCC – 0.5
V
IIX1
X1/CLK input current
VIN = 0 V to VCC
–10
+10
µA
IILX1
X1/CLK input LOW current – operating
VIN = 0 V
–75
0
µA
IIHX1
X1/CLK input HIGH current – operating
VIN = VCC
0
75
µA
IOHX2
X2 output HIGH current – operating
VOUT = VCC; X1 = 0
0
+75
µA
IOHX2S
X2 output HIGH short circuit current – operating
VOUT = 0 V; X1 = 0
–10
–1
mA
IOLX2
X2 output LOW current – operating
VOUT = 0 V; X1 = VCC
–75
0
µA
IOLX2S
X2 output LOW short circuit current – operating
VOUT = VCC; X1 = VCC
1
10
mA
Input leakage current:
II
All except input port pins
VIN = 0 V to VCC
–10
+10
µA
Input port pins
VIN = 0 V to VCC
–20
+10
µA
IOZH
Output off current HIGH, 3-state data bus
VIN = VCC
10
µA
IOZL
Output off current LOW, 3-state data bus
VIN = 0 V
–10
µA
IODL
Open-drain output LOW current in off-state
VIN = 0 V
–10
µA
IODH
Open-drain output HIGH current in off-state
VIN = VCC
10
µA
ICC
Power supply current5
ICC
Operating mode
CMOS input levels
10
mA
NOTES:
1. Parameters are valid over specified temperature range.
2. All voltage measurements are referenced to ground (GND). For testing, all inputs swing between 0.4 V and 2.4 V with a transition time of
5 ns maximum. For X1/CLK this swing is between 0.4 V and 4.4 V. All time measurements are referenced at input voltages of 0.8 V and
2.0 V and output voltages of 0.8 V and 2.0 V, as appropriate.
3. Typical values are at +25
°C, typical supply voltages, and typical processing parameters.
4. Test conditions for outputs: CL = 150 pF, except interrupt outputs. Test conditions for interrupt outputs: CL = 50 pF, RL = 2.7 kΩ to VCC.
5. All outputs are disconnected. Inputs are switching between CMOS levels of VCC – 0.2 V and VSS + 0.2 V.


Similar Part No. - SCC68681

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692C1A44 PHILIPS-SCC68692C1A44 Datasheet
193Kb / 30P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692C1F40 PHILIPS-SCC68692C1F40 Datasheet
193Kb / 30P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692C1N40 PHILIPS-SCC68692C1N40 Datasheet
193Kb / 30P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692E1A44 PHILIPS-SCC68692E1A44 Datasheet
193Kb / 30P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
More results

Similar Description - SCC68681

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68681 MOTOROLA-MC68681 Datasheet
964Kb / 35P
Dual Asynchronous Receiver/Transmitter
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
logo
Exar Corporation
ST162552 EXAR-ST162552 Datasheet
121Kb / 28P
DUAL ASYNCHRONOUS RECEIVER/TRANSMITTER WITH FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com