Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC68681 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SCC68681
Description  Dual asynchronous receiver/transmitter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC68681 Datasheet(HTML) 2 Page - NXP Semiconductors

  SCC68681 Datasheet HTML 1Page - NXP Semiconductors SCC68681 Datasheet HTML 2Page - NXP Semiconductors SCC68681 Datasheet HTML 3Page - NXP Semiconductors SCC68681 Datasheet HTML 4Page - NXP Semiconductors SCC68681 Datasheet HTML 5Page - NXP Semiconductors SCC68681 Datasheet HTML 6Page - NXP Semiconductors SCC68681 Datasheet HTML 7Page - NXP Semiconductors SCC68681 Datasheet HTML 8Page - NXP Semiconductors SCC68681 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Philips Semiconductors
Product data
SCC68681
Dual asynchronous receiver/transmitter (DUART)
2
2004 Apr 06
DESCRIPTION
The Philips Semiconductors SCC68681 Dual Universal
Asynchronous Receiver/Transmitter (DUART) is a single-chip
MOS-LSI communications device that provides two independent
full-duplex asynchronous receiver/transmitter channels in a single
package. It is compatible with other S68000 family devices, and can
also interface easily with other microprocessors. The DUART can be
used in polled or interrupt driven systems. It is manufactured in a
CMOS process.
The operating mode and data format of each channel can be
programmed independently. Additionally, each receiver and
transmitter can select its operating speed as one of eighteen fixed
baud rates, a 16
× clock derived from a programmable counter/timer,
or an external 1
× or 16× clock. The baud rate generator and
counter/timer can operate directly from a crystal or from external
clock inputs. The ability to independently program the operating
speed of the receiver and transmitter make the DUART particularly
attractive for dual-speed channel applications such as clustered
terminal systems.
Each receiver is quadruply buffered to minimize the potential of
receiver overrun or to reduce interrupt overhead in interrupt driven
systems. In addition, a flow control capability is provided to disable a
remote DUART transmitter when the buffer of the receiving device is
full.
Also provided on the SCC68681 are a multipurpose 6-bit input port
and a multipurpose 8-bit output port. These can be used as general
purpose I/O ports or can be assigned specific functions (such as
clock inputs or status/interrupt outputs) under program control.
FEATURES
S68000 bus compatible
Dual full-duplex asynchronous receiver/transmitter
Quadruple buffered receiver data registers
Programmable data format
– 5 to 8 data bits plus parity
– Odd, even, no parity or force parity
– 1, 1.5 or 2 stop bits programmable in 1/16-bit increments
Programmable baud rate for each receiver and transmitter
selectable from:
– 22 fixed rates: 50 to 115.2 kbaud
– Non-standard rates to 115.2 kb
– Non-standard user-defined rate derived from programmable
counter/timer
– External 1
× or 16× clock
16-bit programmable Counter/Timer
Parity, framing, and overrun error detection
False start bit detection
Line break detection and generation
Programmable channel mode
– Normal (full-duplex)
– Automatic echo
– Local loopback
– Remote loopback
Multi-function programmable 16-bit counter/timer
Multi-function 6-bit input port
– Can serve as clock or control inputs
– Change-of-state detection on four inputs
– 100 k
Ω typical pull-up resistors
Multi-function 8-bit output port
– Individual bit set/reset capability
– Outputs can be programmed to be status/interrupt/DMA signals
– Auto 485 turn-around
Versatile interrupt system
– Single interrupt output with eight maskable interrupting
conditions
– Interrupt vector output on interrupt acknowledge
– Output port can be configured to provide a total of up to six
separate wire-ORable interrupt outputs
Maximum data transfer rates: 1× = 1 MB/sec; 16× = 125 kB/sec
Automatic wake-up mode for multidrop applications
Start-end break interrupt/status
Detects break which originates in the middle of a character
On-chip crystal oscillator
Single +5 V power supply
Commercial and industrial temperature ranges available
DIP and PLCC packages
ORDERING INFORMATION
Type number
Package
Name
Description
Version
Commercial;
VCC = +5 V ± 5%; Tamb = 0 °C to +70 °C
SCC68681C1A44
PLCC44
plastic leaded chip carrier; 44 leads
SOT187-2
SCC68681C1N40
DIP40
plastic dual in-line package; 40 leads (600 mil)
SOT129-1
Industrial;
VCC = +5 V ± 10%; Tamb = –40 °C to +85 °C
SCC68681E1A44
PLCC44
plastic leaded chip carrier; 44 leads
SOT187-2
SCC68681E1N40
DIP40
plastic dual in-line package; 40 leads (600 mil)
SOT129-1


Similar Part No. - SCC68681

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692C1A44 PHILIPS-SCC68692C1A44 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692C1F40 PHILIPS-SCC68692C1F40 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692C1N40 PHILIPS-SCC68692C1N40 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692E1A44 PHILIPS-SCC68692E1A44 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
More results

Similar Description - SCC68681

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68681 MOTOROLA-MC68681 Datasheet
964Kb / 35P
   Dual Asynchronous Receiver/Transmitter
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
logo
Exar Corporation
ST162552 EXAR-ST162552 Datasheet
121Kb / 28P
   DUAL ASYNCHRONOUS RECEIVER/TRANSMITTER WITH FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com