Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC68681 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SCC68681
Description  Dual asynchronous receiver/transmitter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC68681 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SCC68681 Datasheet HTML 11Page - NXP Semiconductors SCC68681 Datasheet HTML 12Page - NXP Semiconductors SCC68681 Datasheet HTML 13Page - NXP Semiconductors SCC68681 Datasheet HTML 14Page - NXP Semiconductors SCC68681 Datasheet HTML 15Page - NXP Semiconductors SCC68681 Datasheet HTML 16Page - NXP Semiconductors SCC68681 Datasheet HTML 17Page - NXP Semiconductors SCC68681 Datasheet HTML 18Page - NXP Semiconductors SCC68681 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Philips Semiconductors
Product data
SCC68681
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
15
OPCR – Output Port Configuration Register
OPCR[7] – OP7 Output Select
This bit programs the OP7 output to provide one of the following:
0: The complement of OPR[7].
1: The Channel B transmitter interrupt output which is the comple-
ment of TxRDYB. When in this mode OP7 acts as an open-
drain output. Note that this output is not masked by the contents
of the IMR.
OPCR[6] – OP6 Output Select
This bit programs the OP6 output to provide one of the following:
0: The complement of OPR[6].
1: The Channel A transmitter interrupt output which is the comple-
ment of TxRDYA. When in this mode OP6 acts as an open-
drain output. Note that this output is not masked by the contents
of the IMR.
OPCR[5] – OP5 Output Select
This bit programs the OP5 output to provide one of the following:
0: The complement of OPR[5].
1: The Channel B transmitter interrupt output which is the comple-
ment of ISR[5]. When in this mode OP5 acts as an open-drain
output. Note that this output is not masked by the contents of
the IMR.
OPCR[4] – OP4 Output Select
This field programs the OP4 output to provide one of the following:
0: The complement of OPR[4].
1: The Channel A receiver interrupt output which is the comple-
ment of ISR[1]. When in this mode OP4 acts as an open-drain
output. Note that this output is not masked by the contents of
the IMR.
OPCR[3:2] – OP3 Output Select
This bit programs the OP3 output to provide one of the following:
00: The complement of OPR[3].
01: The counter/timer output, in which case OP3 acts as an open-
drain output. In the timer mode, this output is a square wave at
the programmed frequency. In the counter mode, the output
remains HIGH until terminal count is reached, at which time it
goes LOW. The output returns to the HIGH state when the
counter is stopped by a stop counter command. Note that this
output is not masked by the contents of the IMR.
10: The 1
× clock for the Channel B transmitter, which is the clock
that shifts the transmitted data. If data is not being transmitted,
a free running 1
× clock is output.
11: The 1
× clock for the Channel B receiver, which is the clock that
samples the received data. If data is not being received, a free
running 1
× clock is output.
OPCR[1:0] – OP2 Output Select
This field programs the OP2 output to provide one of the following:
00: The complement of OPR[2].
01: The 16
× clock for the Channel A transmitter. This is the clock
selected by CSRA[3:0], and will be a 1
× clock if CSRA[3:0] = 1111.
10: The 1
× clock for the Channel A transmitter, which is the clock
that shifts the transmitted data. If data is not being transmitted,
a free running 1
× clock is output.
11: The 1
× clock for the Channel A receiver, which is the clock that
samples the received data. If data is not being received, a free
running 1
× clock is output.
Table 4.
Bit Rate Generator Characteristics
Crystal or Clock = 3.6864MHz
NORMAL RATE
(BAUD)
ACTUAL 16
×
CLOCK (kHz)
ERROR (%)
50
0.8
0
75
1.2
0
110
1.759
–0.069
134.5
2.153
0.059
150
2.4
0
200
3.2
0
300
4.8
0
600
9.6
0
1050
16.756
–0.260
1200
19.2
0
1800
28.8
0
2000
32.056
0.175
2400
38.4
0
4800
76.8
0
7200
115.2
0
9600
153.6
0
14.4 k
230.4
0
19.2 k
307.2
0
28.8 k
460.8
0
38.4 k
614.4
0
57.6 k
921.6
0
115.2 k
1843.2 k
0
NOTE:
Duty cycle of 16
× clock is 50% ± 1%.
Rates will change in direct proportion to to the X1 rate of 3.6864 MHz.
Asynchronous UART communications can tolerate frequency error
of 4.1% to 6.7% in a ‘clean’ communications channel. The percent of
error changes as the character length changes. The above
percentages range from 5 bits not parity to 8 bits with parity and one
stop bit. The error with 8 bits not parity and one stop bit is 4.6%. If a
stop bit length of 9/16 is used, the error tolerance will approach 0
due to a variable error of up to 1/16 bit time in receiver clock phase
alignment to the start bit.


Similar Part No. - SCC68681

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692C1A44 PHILIPS-SCC68692C1A44 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692C1F40 PHILIPS-SCC68692C1F40 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692C1N40 PHILIPS-SCC68692C1N40 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692E1A44 PHILIPS-SCC68692E1A44 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
More results

Similar Description - SCC68681

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68681 MOTOROLA-MC68681 Datasheet
964Kb / 35P
   Dual Asynchronous Receiver/Transmitter
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
logo
Exar Corporation
ST162552 EXAR-ST162552 Datasheet
121Kb / 28P
   DUAL ASYNCHRONOUS RECEIVER/TRANSMITTER WITH FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com