Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC68681 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SCC68681
Description  Dual asynchronous receiver/transmitter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC68681 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SCC68681 Datasheet HTML 8Page - NXP Semiconductors SCC68681 Datasheet HTML 9Page - NXP Semiconductors SCC68681 Datasheet HTML 10Page - NXP Semiconductors SCC68681 Datasheet HTML 11Page - NXP Semiconductors SCC68681 Datasheet HTML 12Page - NXP Semiconductors SCC68681 Datasheet HTML 13Page - NXP Semiconductors SCC68681 Datasheet HTML 14Page - NXP Semiconductors SCC68681 Datasheet HTML 15Page - NXP Semiconductors SCC68681 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Philips Semiconductors
Product data
SCC68681
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
12
commands issued via the SOPR and ROPR registers. MR2[5] set to
1 caused the RTSN to be reset automatically one bit time after the
character(s) in the transmit shift register and in the THR (if any) are
completely transmitted (including the programmed number of stop
bits) if a previously issued transmitter disable is pending. This
feature can be used to automatically terminate the transmission as
follows:
1. Program the auto-reset mode: MR2[5]=1
2. Enable transmitter, if not already enabled
3. Set OPR[0] or OPR[1] to ‘1’ via SOPR and ROPR.
4. Send message
5. After the last character of the message is loaded to the THR,
disable the transmitter. (If the transmitter is underrun, a special
case exists. See note below.)
6. The last character will be transmitted and the RTSN will be reset
one bit time after the last stop bit is sent.
NOTE: The transmitter is in an underrun condition when both the
TxRDY and the TxEMT bits are set. This condition also exists
immediately after the transmitter is enabled from the disabled or
reset state. When using the above procedure with the transmitter in
the underrun condition, the issuing of the transmitter disable must be
delayed from the loading of a single, or last, character until the
TxRDY becomes active again after the character is loaded.
MR2A[4] – Channel A Clear-to-Send Control
If this bit is 0, CTSAN has no effect on the transmitter. If this bit is a
1, the transmitter checks the state of CTSAN (IP0) each time it is
ready to send a character. If IP0 is asserted (LOW), the character is
transmitted. If it is negated (HIGH), the TxDA output remains in the
marking state and the transmission is delayed until CTSAN goes
LOW. Changes in CTSAN while a character is being transmitted do
not affect the transmission of that character.
MR2A[3:0] – Channel A Stop Bit Length Select
This field programs the length of the stop bit appended to the
transmitted character. Stop bit lengths of 9/16 to 1 and 1-9/16 to 2
bits, in increments of 1/16 bit, can be programmed for character
lengths of 6, 7, and 8 bits. For a character lengths of 5 bits, 1-1/16 to
2 stop bits can be programmed in increments of 1/16 bit. The
receiver only checks for a ‘mark’ condition at the center of the first
stop bit position (one bit time after the last data bit, or after the parity
bit is enabled), in all cases.
If an external 1
× clock is used for the transmitter, MR2A[3] = 0
selects one stop bit and MR2A[3] = 1 selects two stop bits to be
transmitted.
MR1B – Channel B Mode Register 1
MR1B is accessed when the Channel B MR pointer points to MR1.
The pointer is set to MR1 by RESET or by a ‘set pointer’ command
applied via CRB. After reading or writing MR1B, the pointer will point
to MR2B.
The bit definitions for this register are identical to MR1A, except that
all control actions apply to the Channel B receiver and transmitter
and the corresponding inputs and outputs.
MR2B – Channel B Mode Register 2
MR2B is accessed when the Channel B MR pointer points to MR2,
which occurs after any access to MR1B. Accesses to MR2B do not
change the pointer.
The bit definitions for mode register are identical to the bit definitions
for MR2A, except that all control actions apply to the Channel B
receiver and transmitter and the corresponding inputs and outputs.
CSRA – Channel A Clock Select Register
CSRA[7:4] – Channel A Receiver Clock Select
This field selects the baud rate clock for the Channel A receiver. The
field definition is shown in Table 3.
CSRA[3:0] – Channel A Transmitter Clock Select
This field selects the baud rate clock for the Channel A transmitter.
The field definition is as shown in Table 3, except as follows:
CSRA[3:0]
Baud Rate
ACR[7] = 0
ACR[7] = 1
1110
1111
IP3–16
×
IP3–1
×
IP3–16
×
IP3–1
×
The transmitter and receiver clock is always a 16
× clock except
for 1111 selection.
Table 3.
X1 clock = 3.6864 MHz
CSRA[7:4]
Baud Rate
ACR[7] = 0
ACR[7] = 1
0000
50
75
0001
110
110
0010
134.5
134.5
0011
200
150
0100
300
300
0101
600
600
0110
1,200
1,200
0111
1,050
2,000
1000
2,400
2,400
1001
4,800
4,800
1010
7,200
1,800
1011
9,600
9,600
1100
38.4 k
19.2 k
1101
Timer
Timer
1110
IP4–16
×
IP4–16
×
1111
IP4–1
×
IP4–1
×
See Table 6 for other rates to 115.2 k baud.


Similar Part No. - SCC68681

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692C1A44 PHILIPS-SCC68692C1A44 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692C1F40 PHILIPS-SCC68692C1F40 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692C1N40 PHILIPS-SCC68692C1N40 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692E1A44 PHILIPS-SCC68692E1A44 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
More results

Similar Description - SCC68681

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68681 MOTOROLA-MC68681 Datasheet
964Kb / 35P
   Dual Asynchronous Receiver/Transmitter
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
logo
Exar Corporation
ST162552 EXAR-ST162552 Datasheet
121Kb / 28P
   DUAL ASYNCHRONOUS RECEIVER/TRANSMITTER WITH FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com