Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN54AC2525-X Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MN54AC2525-X
Description  MN54AC2525-X REV 1B0
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MN54AC2525-X Datasheet(HTML) 6 Page - National Semiconductor (TI)

  MN54AC2525-X Datasheet HTML 1Page - National Semiconductor (TI) MN54AC2525-X Datasheet HTML 2Page - National Semiconductor (TI) MN54AC2525-X Datasheet HTML 3Page - National Semiconductor (TI) MN54AC2525-X Datasheet HTML 4Page - National Semiconductor (TI) MN54AC2525-X Datasheet HTML 5Page - National Semiconductor (TI) MN54AC2525-X Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MN54AC2525-X REV 1B0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
AC PARAMETERS(Continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
CL=50pf, Rl=500 Ohms, TR=3.0V, TF=3.0V, Temp Range:-55C to 125C.
NOTE: -55C TEMPERATURE, SUBGROUP 11
IS GUARANTEED BUT NOT TESTED.
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
tpLH(2)
Propagation Delay
VCC=3.0V
3,
4, 7
CKIN-On 4.0
9.5
ns
9
3,
4, 7
CKIN-On 5.0
11.0
ns
10
3,
4, 7
CKIN-On 3.0
8.5
ns
11
tosHL(2)
Maximum Skew
Common Edge
Output to Output
VCC=3.0V
6
On-On
Skew
1.5
ns
9, 10,
11
tosLH(2)
Maximum Skew
Common Edge
Output to Output
VCC=3.0V
6
On-On
Skew
1.5
ns
9, 10,
11
tost(2)
Maximum Skew
Opposite Edge
Output to Output
VCC=3.0V
6
Opposit
e Skew
Edge
1.5
ns
9, 10,
11
Note 1:
SCREEN TESTED 100% ON EACH DEVICE AT +25C & +125C TEMPERATURE, SUBGROUPS 1, 2, 7, &
8.
Note 2:
SAMPLE TESTED (METHOD 5005, TABLE 1) ON EACH MFG. LOT AT +25C & +125C TEMPERATURE,
SUBGROUPS A1, 2, 7, & 8.
Note 3:
SCREEN TESTED 100% ON EACH DEVICE AT +25C TEMPERATURE ONLY, SUBGROUP A9.
Note 4:
SAMPLE TESTED (METHOD 5005, TABLE 1) ON EACH MFG. LOT AT +25C & +125C TEMPERATURE,
SUBGROUPS A9 & 10.
Note 5:
TRANSMISSION LINE DRIVING TEST, GUARDBAND LIMITS SET FOR +25C, 2 MSEC DURATION MAX.
Note 6:
DESIGN CHARACTERIZATION DATA ONLY
Note 7:
+25C & +125C MIN LIMITS GUARANTEED FOR 5.5V BY GUARDBANDING 4.5V MIN. LIMITS.
6


Similar Part No. - MN54AC2525-X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MN54AC251-X NSC-MN54AC251-X Datasheet
33Kb / 7P
8-Input Multiplexer With TRI-STATE Outputs
MN54AC258-X NSC-MN54AC258-X Datasheet
17Kb / 7P
Quad 2 Input Multiplexer With TRI - STATE Outputs
More results

Similar Description - MN54AC2525-X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNDS7820A NSC-MNDS7820A Datasheet
143Kb / 9P
MNDS7820A-X REV 0A0
MN54ABT64 NSC-MN54ABT64 Datasheet
18Kb / 9P
MN54ABT646-X REV 0B0
MN54ABT244 NSC-MN54ABT244 Datasheet
206Kb / 13P
MN54ABT244-X REV 0B0
logo
Tyco Electronics
SR6DM MACOM-SR6DM Datasheet
170Kb / 2P
Rev. EK1
logo
ATMEL Corporation
STK504-MCU ATMEL-STK504-MCU Datasheet
203Kb / 3P
Rev. C
logo
Lyontek Inc.
LY6164 LYONTEK-LY6164 Datasheet
172Kb / 13P
Rev. 1.2 8K X 8 BIT HIGH SPEED CMOS SRAM
logo
PEAK Plastic & Metal Pr...
ND28283.503086 PEAK_Inc-ND28283.503086 Datasheet
148Kb / 2P
ND28283.503086 REV,B
logo
Freescale Semiconductor...
MC68HC05PV8 FREESCALE-MC68HC05PV8 Datasheet
1Mb / 196P
Techinal Data - rev 1.9
logo
ERNI Electronics
324264 ERNI-324264 Datasheet
88Kb / 1P
ERbic vertical rev. Profibus
logo
Silicon Laboratories
SI4320-J1-FTR SILABS-SI4320-J1-FTR Datasheet
368Kb / 15P
Si4x3x Errata (rev. B)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com