Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN54AC2525-X Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MN54AC2525-X
Description  MN54AC2525-X REV 1B0
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MN54AC2525-X Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MN54AC2525-X Datasheet HTML 1Page - National Semiconductor (TI) MN54AC2525-X Datasheet HTML 2Page - National Semiconductor (TI) MN54AC2525-X Datasheet HTML 3Page - National Semiconductor (TI) MN54AC2525-X Datasheet HTML 4Page - National Semiconductor (TI) MN54AC2525-X Datasheet HTML 5Page - National Semiconductor (TI) MN54AC2525-X Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MN54AC2525-X REV 1B0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
VCC 3.0V to 5.5V, Temp. Range: -55 C to 125 C.
NOTE: -55C TEMPERATURE, SUBGROUP 3 IS GUARANTEED BUT
NOT TESTED.
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
IIH
High level input
Current
VCC=5.5V, VM=5.5V
1, 2 INPUTS
0.1
uA
1
1, 2 INPUTS
1.0
uA
2, 3
IIL
Low level input
Current
VCC=5.5V, VM=0.0V
1, 2 INPUTS
-0.1
uA
1
1, 2 INPUTS
-1.0
uA
2, 3
VOL
Low level Output
Voltage
VCC=3.0V, VIL=0.9V, VINH=3.0V,
IOL=50.0uA
1, 2 OUTPUTS
.10
V
1, 2,
3
VCC=4.5V, VIL=1.35V, VINH=4.5V,
IOL=50.0uA
1, 2 OUTPUTS
.10
V
1, 2,
3
VCC=5.5V, VIL=1.65V, VINH=5.5V,
IOL=50.0uA
1, 2 OUTPUTS
.10
V
1, 2,
3
VCC=3.0V, VIL=0.9V, VINH=3.0V,
IOL=12.0mA
1, 2 OUTPUTS
.32
V
1
1, 2 OUTPUTS
.40
V
2, 3
VCC=4.5V, VIL=1.35V, VINH=4.5V,
IOL=24.0mA
1, 2 OUTPUTS
.36
V
1
1, 2 OUTPUTS
.50
V
2, 3
VCC=5.5V, VIL=1.65V, VINH=5.5V,
IOL=24.0mA
1, 2 OUTPUTS
.36
V
1
1, 2 OUTPUTS
.50
V
2, 3
VIOL
Dynamic Output
Current LOW
VCC=5.5V, VIL=1.65V, VIH=3.85V,
IOL=50.0mA, VINH=5.5V
1,
2, 5
OUTPUTS
1.65
V
1, 2,
3
VOH
High Level Output
Voltage
VCC=3.0V, VINL=0.0V, VIH=2.1V,
IOH=-50uA
1, 2 OUTPUTS 2.90
V
1, 2,
3
VCC=4.5V, VINL=0.0V, VIH=3.15V,
IOH=-50.0uA
1, 2 OUTPUTS 4.40
V
1, 2,
3
VCC=5.5V, VINL=0.0V, VIH=3.85V,
IOH=-50.0uA
1, 2 OUTPUTS 5.40
V
1, 2,
3
VCC=3.0V, VIH=2.1V, IOH=-12.0mA
1, 2 OUTPUTS 2.56
V
1
1, 2 OUTPUTS 2.40
V
2, 3
VCC=4.5V, VIH=3.15V, IOH=-24.0mA
1, 2 OUTPUTS 3.86
V
1
1, 2 OUTPUTS 3.70
V
2, 3
VCC=5.5V, VIH=3.85V, IOH=-24.0mA
1, 2 OUTPUTS 4.86
V
1
1, 2 OUTPUTS 4.70
V
2, 3
VIOH
Dynamic Output
Current HIGH
VCC=5.5V, VIH=3.85V, IOH=-50.0mA,
VINH=5.5V,
1,
2, 5
OUTPUTS 3.85
V
1, 2,
3
ICCH
Supply Current
Outputs HIGH
VCC=5.5V, VINH=5.5V
1, 2 VCC
8.0
uA
1
1, 2 VCC
80
uA
2, 3
4


Similar Part No. - MN54AC2525-X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MN54AC251-X NSC-MN54AC251-X Datasheet
33Kb / 7P
8-Input Multiplexer With TRI-STATE Outputs
MN54AC258-X NSC-MN54AC258-X Datasheet
17Kb / 7P
Quad 2 Input Multiplexer With TRI - STATE Outputs
More results

Similar Description - MN54AC2525-X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNDS7820A NSC-MNDS7820A Datasheet
143Kb / 9P
MNDS7820A-X REV 0A0
MN54ABT64 NSC-MN54ABT64 Datasheet
18Kb / 9P
MN54ABT646-X REV 0B0
MN54ABT244 NSC-MN54ABT244 Datasheet
206Kb / 13P
MN54ABT244-X REV 0B0
logo
Tyco Electronics
SR6DM MACOM-SR6DM Datasheet
170Kb / 2P
Rev. EK1
logo
ATMEL Corporation
STK504-MCU ATMEL-STK504-MCU Datasheet
203Kb / 3P
Rev. C
logo
Lyontek Inc.
LY6164 LYONTEK-LY6164 Datasheet
172Kb / 13P
Rev. 1.2 8K X 8 BIT HIGH SPEED CMOS SRAM
logo
PEAK Plastic & Metal Pr...
ND28283.503086 PEAK_Inc-ND28283.503086 Datasheet
148Kb / 2P
ND28283.503086 REV,B
logo
Freescale Semiconductor...
MC68HC05PV8 FREESCALE-MC68HC05PV8 Datasheet
1Mb / 196P
Techinal Data - rev 1.9
logo
ERNI Electronics
324264 ERNI-324264 Datasheet
88Kb / 1P
ERbic vertical rev. Profibus
logo
Silicon Laboratories
SI4320-J1-FTR SILABS-SI4320-J1-FTR Datasheet
368Kb / 15P
Si4x3x Errata (rev. B)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com