Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4M513233E-MEC Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K4M513233E-MEC
Description  4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4M513233E-MEC Datasheet(HTML) 1 Page - Samsung semiconductor

  K4M513233E-MEC Datasheet HTML 1Page - Samsung semiconductor K4M513233E-MEC Datasheet HTML 2Page - Samsung semiconductor K4M513233E-MEC Datasheet HTML 3Page - Samsung semiconductor K4M513233E-MEC Datasheet HTML 4Page - Samsung semiconductor K4M513233E-MEC Datasheet HTML 5Page - Samsung semiconductor K4M513233E-MEC Datasheet HTML 6Page - Samsung semiconductor K4M513233E-MEC Datasheet HTML 7Page - Samsung semiconductor K4M513233E-MEC Datasheet HTML 8Page - Samsung semiconductor K4M513233E-MEC Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
K4M513233E - M(E)C/L/F
February 2004
Mobile-SDRAM
• 3.0V & 3.3V power supply.
• LVCMOS compatible with multiplexed address.
• Four banks operation.
• MRS cycle with address key programs.
-. CAS latency (1, 2 & 3).
-. Burst length (1, 2, 4, 8 & Full page).
-. Burst type (Sequential & Interleave).
• EMRS cycle with address key programs.
• All inputs are sampled at the positive going edge of the system
clock.
• Burst read single-bit write operation.
• Special Function Support.
-. PASR (Partial Array Self Refresh).
-. Internal TCSR (Temperature Compensated Self Refresh)
• DQM for masking.
• Auto refresh.
• 64ms refresh period (8K cycle).
• Commercial Temperature Operation (-25
°C ~ 70°C).
• 2Chips DDP 90Balls FBGA with 0.8mm ball pitch
( -MXXX : Leaded, -EXXX : Lead Free).
FEATURES
The K4M513233E is 536,870,912 bits synchronous high data
rate Dynamic RAM organized as 4 x 4,196,304 words by 32 bits,
fabricated with SAMSUNG’s high performance CMOS technol-
ogy. Synchronous design allows precise cycle control with the
use of system clock and I/O transactions are possible on every
clock cycle. Range of operating frequencies, programmable
burst lengths and programmable latencies allow the same
device to be useful for a variety of high bandwidth and high per-
formance memory system applications.
GENERAL DESCRIPTION
ORDERING INFORMATION
- M(E)C/L/F : Normal / Low / Low Power, Commercial Temperature(-25
°C ~ 70°C)
NOTES :
1. In case of 40MHz Frequency, CL1 can be supported.
2. Samsung shall not offer for sale or sell either directly or through and third-party proxy, and DRAM memory products that include "Multi-Die Plastic
DRAM" for use as components in general and scientific computers such as, by way of example, mainframes, servers, work stations or desk top
computers for the first three years of five year term of this license. Nothing herein limits the rights of Samsung to use Multi-Die Plastic DRAM in other
products or other applications under paragrangh such as mobile, telecom or non-computer application(which include by way of example laptop or
notebook computers, cell phones, televisions or visual monitors)
Violation may subject the customer to legal claims and also excludes any warranty against infringement from Samsung." .
3. Samsung are not designed or manufactured for use in a device or system that is used under circumstance in which human life is potentially at stake.
Please contact to the memory marketing team in samsung electronics when considering the use of a product contained herein for any specific
purpose, such as medical, aerospace, nuclear, military, vehicular or undersea repeater use.
Part No.
Max Freq.
Interface
Package
K4M513233E-M(E)C/L/F75
133MHz(CL=3)
LVCMOS
90 FBGA
Leaded (Lead Free)
K4M513233E-M(E)C/L/F1H
105MHz(CL=2)
K4M513233E-M(E)C/L/F1L
105MHz(CL=3)*1
4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA


Similar Part No. - K4M513233E-MEC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M513233C SAMSUNG-K4M513233C Datasheet
142Kb / 12P
4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233C-SDF75 SAMSUNG-K4M513233C-SDF75 Datasheet
142Kb / 12P
4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233C-SDF7L SAMSUNG-K4M513233C-SDF7L Datasheet
142Kb / 12P
4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233C-SDG75 SAMSUNG-K4M513233C-SDG75 Datasheet
142Kb / 12P
4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233C-SDG7L SAMSUNG-K4M513233C-SDG7L Datasheet
142Kb / 12P
4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results

Similar Description - K4M513233E-MEC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S563233F SAMSUNG-K4S563233F Datasheet
140Kb / 12P
2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M51323LE-M SAMSUNG-K4M51323LE-M Datasheet
141Kb / 12P
4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S51323L SAMSUNG-K4S51323L Datasheet
144Kb / 12P
4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S56323LF SAMSUNG-K4S56323LF Datasheet
140Kb / 12P
2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M563233E-M SAMSUNG-K4M563233E-M Datasheet
141Kb / 12P
2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S64323LH SAMSUNG-K4S64323LH Datasheet
141Kb / 12P
512K x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M56323LE SAMSUNG-K4M56323LE Datasheet
141Kb / 12P
2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M28323PH-F SAMSUNG-K4M28323PH-F Datasheet
144Kb / 12P
1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233C SAMSUNG-K4M513233C Datasheet
142Kb / 12P
4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M283233H SAMSUNG-K4M283233H Datasheet
151Kb / 12P
1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com