Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV031B Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90LV031B
Description  3V LVDS Quad CMOS Differential Line Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV031B Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90LV031B Datasheet HTML 1Page - National Semiconductor (TI) DS90LV031B Datasheet HTML 2Page - National Semiconductor (TI) DS90LV031B Datasheet HTML 3Page - National Semiconductor (TI) DS90LV031B Datasheet HTML 4Page - National Semiconductor (TI) DS90LV031B Datasheet HTML 5Page - National Semiconductor (TI) DS90LV031B Datasheet HTML 6Page - National Semiconductor (TI) DS90LV031B Datasheet HTML 7Page - National Semiconductor (TI) DS90LV031B Datasheet HTML 8Page - National Semiconductor (TI) DS90LV031B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DS90LV031B
3V LVDS Quad CMOS Differential Line Driver
General Description
The DS90LV031B is a quad CMOS differential line driver de-
signed for applications requiring ultra low power dissipation
and high data rates. The device is designed to support data
rates in excess of 400 Mbps (200 MHz) utilizing Low Voltage
Differential Signaling (LVDS) technology.
The DS90LV031B accepts low voltage TTL/CMOS input lev-
els and translates them to low voltage (350 mV) differential
output signals. In addition the driver supports a TRI-STATE®
function that may be used to disable the output stage, dis-
abling the load current, and thus dropping the device to an
ultra low idle power state of 13 mW typical. The
DS90LV031B is enhanced over the DS90LV031A in that the
inputs are further ruggedized for excessive undershoot.
The EN and EN* inputs allow active Low or active High con-
trol of the TRI-STATE outputs. The enables are common to
all four drivers. The DS90LV031B and companion line re-
ceiver (DS90LV032A) provide a new alternative to high
power pseudo-ECL devices for high speed point-to-point in-
terface applications.
Features
n >
400 Mbps (200 MHz) switching rates
n
0.1 ns typical differential skew
n
0.4 ns maximum differential skew
n
2.0 ns maximum propagation delay
n
Ruggedized inputs that can withstand excessive
undershoot
n
3.3V power supply design
n ±
350 mV differential signaling
n
Low power dissipation (13mW at 3.3V static)
n
Interoperable with existing 5V LVDS devices
n
Compatible with IEEE 1596.3 SCI LVDS standard
n
Compatible with TIA/EIA-644 LVDS standard
n
Industrial temperature operating range
n
Available in SOIC and TSSOP surface mount packaging
Connection Diagram
Functional Diagram
Truth Table
DRIVER
Enables
Input
Outputs
EN
EN*
D
IN
D
OUT+
D
OUT−
LH
X
Z
Z
All other combinations of
ENABLE inputs
LL
H
HH
L
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Dual-In-Line
DS101311-1
Order Number DS90LV031BTM
or DS90LV031BTMTC
See NS Package Number M16A or MTC16
DS101311-2
January 2000
© 2000 National Semiconductor Corporation
DS101311
www.national.com


Similar Part No. - DS90LV031B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV031B NSC-DS90LV031B Datasheet
545Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
DS90LV031BTM NSC-DS90LV031BTM Datasheet
545Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90LV031B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML_14 Datasheet
347Kb / 15P
3V LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
3V LVDS Quad CMOS Differential Line Driver
logo
STMicroelectronics
STLVDS47 STMICROELECTRONICS-STLVDS47 Datasheet
189Kb / 10P
3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
December 2002
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A_03 Datasheet
322Kb / 13P
3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV047ATMX TI-DS90LV047ATMX Datasheet
1Mb / 21P
DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
DS90LV031AQML TI1-DS90LV031AQML Datasheet
249Kb / 14P
DS90LV031AQML 3V LVDS Quad CMOS Differential Line Driver
DS90LV031ATM-NOPB TI-DS90LV031ATM-NOPB Datasheet
912Kb / 19P
DS90LV031A 3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com