Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV031B Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90LV031B
Description  3V LVDS Quad CMOS Differential Line Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV031B Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS90LV031B Datasheet HTML 1Page - National Semiconductor (TI) DS90LV031B Datasheet HTML 2Page - National Semiconductor (TI) DS90LV031B Datasheet HTML 3Page - National Semiconductor (TI) DS90LV031B Datasheet HTML 4Page - National Semiconductor (TI) DS90LV031B Datasheet HTML 5Page - National Semiconductor (TI) DS90LV031B Datasheet HTML 6Page - National Semiconductor (TI) DS90LV031B Datasheet HTML 7Page - National Semiconductor (TI) DS90LV031B Datasheet HTML 8Page - National Semiconductor (TI) DS90LV031B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Switching Characteristics - Industrial
Over supply voltage and operating temperature ranges, unless otherwise specified. (Notes 4, 10, 12)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PHLD
Differential Propagation Delay High to Low
R
L = 100Ω,CL =10pF
(
Figure 2 and Figure 3)
0.8
1.18
2.0
ns
t
PLHD
Differential Propagation Delay Low to High
0.8
1.25
2.0
ns
t
SKD1
Differential Pulse Skew |t
PHLD −tPLHD|
(Note 6)
0
0.07
0.4
ns
t
SKD2
Channel-to-Channel Skew (Note 7)
0
0.1
0.5
ns
t
SKD3
Differential Part to Part Skew (Note 8)
0
1.0
ns
t
SKD4
Differential Part to Part Skew (Note 9)
0
1.2
ns
t
TLH
Rise Time
0.38
1.5
ns
t
THL
Fall Time
0.40
1.5
ns
t
PHZ
Disable Time High to Z
R
L = 100Ω,CL =10pF
(
Figure 4 and Figure 5)
5ns
t
PLZ
Disable Time Low to Z
5ns
t
PZH
Enable Time Z to High
7ns
t
PZL
Enable Time Z to Low
7ns
f
MAX
Maximum Operating Frequency (Note 14)
200
250
MHz
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 2: These ABS-MAX voltage ratings are guaranteed by design and bench characterization. The pin under test is pulled negative with respect to ground, using
a curve tracer. During the test, ICC and the current out of the pin under test are monitored using DC meters.
Note 3: Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground except: VOD1 and
∆VOD1.
Note 4: All typicals are given for: VCC = +3.3V, TA = +25˚C.
Note 5: The DS90LV031B is a current mode device and only functions within datasheet specifications when a resistive load is applied to the driver outputs typical
range is (90
Ω to 110Ω)
Note 6: tSKD1,|tPHLD −tPLHD| is the magnitude difference in differential propagation delay time between the positive going edge and the negative going edge of the
same channel.
Note 7: tSKD2 is the Differential Channel-to-Channel Skew of any event on the same device.
Note 8: tSKD3, Differential Part to Part Skew, is defined as the difference between the minimum and maximum specified differential propagation delays. This speci-
fication applies to devices at the same VCC and within 5˚C of each other within the operating temperature range.
Note 9: tSKD4, part to part skew, is the differential channel-to-channel skew of any event between devices. This specification applies to devices over recommended
operating temperature and voltage ranges, and across process distribution. tSKD4 is defined as |Max − Min| differential propagation delay.
Note 10: Generator waveform for all tests unless otherwise specified: f = 1 MHz, ZO = 50Ω,tr ≤ 1 ns, and tf ≤ 1 ns.
Note 11: Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only.
Note 12: CL includes probe and jig capacitance.
Note 13: All input voltages are for one channel unless otherwise specified. Other inputs are set to GND.
Note 14: fMAX generator input conditions: tr = tf < 1ns, (0% to 100%), 50% duty cycle, 0V to 3V. Output Criteria: duty cycle = 45%/55%, VOD > 250mV, all channels
switching.
Parameter Measurement Information
DS101311-3
FIGURE 1. Driver V
OD and VOS Test Circuit
www.national.com
3


Similar Part No. - DS90LV031B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV031B NSC-DS90LV031B Datasheet
545Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
DS90LV031BTM NSC-DS90LV031BTM Datasheet
545Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90LV031B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML_14 Datasheet
347Kb / 15P
3V LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
3V LVDS Quad CMOS Differential Line Driver
logo
STMicroelectronics
STLVDS47 STMICROELECTRONICS-STLVDS47 Datasheet
189Kb / 10P
3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
December 2002
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A_03 Datasheet
322Kb / 13P
3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV047ATMX TI-DS90LV047ATMX Datasheet
1Mb / 21P
DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
DS90LV031AQML TI1-DS90LV031AQML Datasheet
249Kb / 14P
DS90LV031AQML 3V LVDS Quad CMOS Differential Line Driver
DS90LV031ATM-NOPB TI-DS90LV031ATM-NOPB Datasheet
912Kb / 19P
DS90LV031A 3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com