Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYM1464 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYM1464
Description  512Kx8 Static RAM Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYM1464 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYM1464 Datasheet HTML 1Page - Cypress Semiconductor CYM1464 Datasheet HTML 2Page - Cypress Semiconductor CYM1464 Datasheet HTML 3Page - Cypress Semiconductor CYM1464 Datasheet HTML 4Page - Cypress Semiconductor CYM1464 Datasheet HTML 5Page - Cypress Semiconductor CYM1464 Datasheet HTML 6Page - Cypress Semiconductor CYM1464 Datasheet HTML 7Page - Cypress Semiconductor CYM1464 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
512Kx8 Static RAM Module
CYM1464
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-05272 Rev. **
Revised March 15, 2002
64
Features
• High-density 4-megabit SRAM module
• High-speed CMOS SRAMs
— Access time of 20 ns
• Low active power
— 1.93W (max.)
• JEDEC-compatible pinout
• 32-pin, 0.6-inch-wide DIP package
• TTL-compatible inputs and outputs
• Low profile
— Max. height of 0.34 inches
Functional Description
The CYM1464 is a high-performance 4-megabit static RAM
module organized as 512K words by 8 bits. This module is
constructed using four 256K x 4 static RAMs in SOJ packages
mounted on an epoxy laminate substrate with pins.
Writing to the module is accomplished when the chip select
(CS) and write enable (WE) inputs are both LOW. Data on the
eight input/output pins (I/O0 through I/O7) of the device is writ-
ten into the memory location specified on the address pins (A0
through A18). Reading the device is accomplished by taking
chip select and output enable (OE) LOW, while write enable
(WE) remains inactive or HIGH. Under these conditions, the
contents of the memory location specified on the address pins
(A0 through A18) will appear on the eight appropriate data in-
put/output pins (I/O0 through I/O7).
The input/output pins remain in a high-impedance state unless
the module is selected, outputs are enabled, and write enable
(WE) is HIGH.
Logic Block Diagram
Pin Configuration
Top View
DIP
25
26
27
28
29
30
31
32
23
24
21
22
19
20
17
18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
S
A18
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
VCC
A15
A17
WE
A13
A8
A9
A11
OE
A10
CS
I/O7
I/O6
I/O5
I/O4
I/O3
0
I/O
7
1 OF 2
DECODER
SRAM
256K x 4
SRAM
A0 A17
WE
OE
A18
CS
I/O
256K x 4
SRAM
256K x 4
SRAM
256K x 4
Selection Guide
1464-20
1464-22
1464-25
1464-30
1464-35
1464-45
1464-55
Maximum Access Time (ns)
20
22
25
30
35
45
55
Maximum Operating Current (mA)
350
350
300
300
Maximum Standby Current (mA)
240
240
240
240


Similar Part No. - CYM1464

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYM1465A CYPRESS-CYM1465A Datasheet
170Kb / 7P
512K x 8 PDIP Static RAM
CYM1465ALPD-70C CYPRESS-CYM1465ALPD-70C Datasheet
170Kb / 7P
512K x 8 PDIP Static RAM
CYM1465ALPD-70I CYPRESS-CYM1465ALPD-70I Datasheet
170Kb / 7P
512K x 8 PDIP Static RAM
CYM1465ALPD-85C CYPRESS-CYM1465ALPD-85C Datasheet
170Kb / 7P
512K x 8 PDIP Static RAM
CYM1465ALPD-85I CYPRESS-CYM1465ALPD-85I Datasheet
170Kb / 7P
512K x 8 PDIP Static RAM
More results

Similar Description - CYM1464

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8F8512C WEDC-EDI8F8512C Datasheet
356Kb / 9P
512Kx8 STATIC RAM CMOS, MODULE
logo
Samsung semiconductor
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
512Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
512Kx8 bit Low Power CMOS Static RAM
KM684000L SAMSUNG-KM684000L Datasheet
330Kb / 7P
512Kx8 BIT HIGH HIGH SPEED CMOS STATIC RAM
K6R4008C1D SAMSUNG-K6R4008C1D Datasheet
245Kb / 10P
512Kx8 Bit High Speed Static RAM(5.0V Operating)
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
512Kx8 bit Low Power full CMOS Static RAM
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
512Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
Siemens Semiconductor G...
HYB514800BJ SIEMENS-HYB514800BJ Datasheet
211Kb / 22P
512kx8-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com