Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

612-301-04-19 Datasheet(PDF) 2 Page - Marl International Limited

Part # 612-301-04-19
Description  PANEL INDICATOR LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

612-301-04-19 Datasheet(HTML) 2 Page - Marl International Limited

  612-301-04-19 Datasheet HTML 1Page - Marl International Limited 612-301-04-19 Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
612 SERIES
PANEL INDICATOR LED
To order please contact us on +44 (0) 1229 582 430
F +44 (0) 1229 585 155 | E sales@marl.co.uk | www.leds.co.uk
Q 05480
DSN 612 Version 2015-10-01-133500. Page 2 of 2
TECHNICAL CHARACTERISTICS
Series
Max. Power
Dissipation
Max. Reverse
Voltage
Panel Cutout
Nut Mounting
Torque
Min. Mounting
Centres
Min. - Max. Panel
Thickness
612
500
3*/75^
6.35
0.6
11.0
1.5 - 7.0
mW
Vdc
mm
Nm
mm
mm
* = Current version ^ = Voltage version
TECHNICAL DRAWING
Weight (g): 5
Dimensions in mm (typical). Not to scale. Mounting hole to be clean and burr free. Anode termination denoted by long pin.
2.5
15
10
6.35
+ 0.1
0
Mounting Hole
PUSH ON CONNECTOR
11.8
909-000-00 is gold plated, 910-000-00 is tin plated - for use
with 612 series lamps.
Dimensions in mm (typical). Not to scale.
DE-RATING GRAPHS
MATERIALS
50
40
30
20
10
0
020
40
60
80
100
Ambient Temperature Ta (°C)
Red / Yellow LED
50
40
30
20
10
0
020
40
60
80
100
Ambient Temperature Ta (°C)
Blue / Green LED
8.5
Body
Black Anodised Aluminium
Nut
Nickel Plated Brass
Panel Seal
Viton
Lens
Polycarbonate
Encapsulation
Black Polyurethane
Lock Washer
Spring Steel
Termination
Silver Flash Coated Brass
DESIGN CONSIDERATIONS
Electro-Static Discharge (ESD)
Build up of electro-static discharge occurs in many situations
involving people moving and handling products.The range
of possible situations is very diverse but voltage levels as
high as several thousand volts can and do arise in many
individual situations. When an operator charged up to these
levels handles a static sensitive device, there is a very
probable likelihood that the device will be irreversibly
damaged. It is essential that precautions are taken at all
stages during manufacture and assembly of these products.
Although LEDs were never considered to be static sensitive
devices, changes in manufacturing technology and
materials used to produce higher intensity products over a
large range of the wavelength spectrum have changed this.
Marl has an approved system of ESD control from goods
in, through production and into final packing and despatch.
Marl recommend all users of LED based products follow the
guidelines of BS 100015.
Voltage, Current and Temperature
The forward voltage / current value of an LED is dependent
upon the ambient temperature of the environment in which
it is operated. Therefore, care must be taken to operate the
LED at the correct voltage / current values, depending upon
the ambient temperature.
Marl should be contacted if the device is to be operated
outside the temperature range specified. Marl accept no
liability for any product that is operated outside the stated
voltage or temperature range.
marlleds
marlinternationallimited
company/marl-international-limited
50
40
30
20
10
0
020
40
60
80
100
Ambient Temperature Ta (°C)
Cool White LED
8.5
50
40
30
20
10
0
020
40
60
80
100
Ambient Temperature Ta (°C)
Red+Green Bi-Colour LED
7.5
5
R
G


Similar Part No. - 612-301-04-19

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
612-301-04-15 MARL-612-301-04-15 Datasheet
451Kb / 5P
횠6.35mm mounting Black anodised aluminium housing, sealed to IP67
More results

Similar Description - 612-301-04-19

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
699-501-63 MARL-699-501-63_14 Datasheet
266Kb / 2P
PANEL INDICATOR LED
692-501-04 MARL-692-501-04 Datasheet
249Kb / 2P
PANEL INDICATOR LED
677-501-21-53 MARL-677-501-21-53_16 Datasheet
230Kb / 2P
PANEL INDICATOR LED
677-501-04 MARL-677-501-04_15 Datasheet
254Kb / 2P
PANEL INDICATOR LED
604-301-04 MARL-604-301-04_14 Datasheet
295Kb / 2P
PANEL INDICATOR LED
537-501-63 MARL-537-501-63_14 Datasheet
256Kb / 2P
PANEL INDICATOR LED
534-501-63 MARL-534-501-63_14 Datasheet
274Kb / 2P
PANEL INDICATOR LED
531-501-63 MARL-531-501-63_14 Datasheet
276Kb / 2P
PANEL INDICATOR LED
528-501-04 MARL-528-501-04_16 Datasheet
255Kb / 2P
PANEL INDICATOR LED
520-301-04 MARL-520-301-04_14 Datasheet
277Kb / 2P
PANEL INDICATOR LED
508-501-04 MARL-508-501-04_14 Datasheet
282Kb / 2P
PANEL INDICATOR LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com