Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT3400 Datasheet(PDF) 11 Page - Texas Instruments

Part # PT3400
Description  35W Output Power
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT3400 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PT3400_14 Datasheet HTML 7Page - Texas Instruments PT3400_14 Datasheet HTML 8Page - Texas Instruments PT3400_14 Datasheet HTML 9Page - Texas Instruments PT3400_14 Datasheet HTML 10Page - Texas Instruments PT3400_14 Datasheet HTML 11Page - Texas Instruments PT3400_14 Datasheet HTML 12Page - Texas Instruments PT3400_14 Datasheet HTML 13Page - Texas Instruments PT3400_14 Datasheet HTML 14Page - Texas Instruments PT3400_14 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
Figure 4-1; Configuration for Power-Up Sequencing
Remote Sense (–)
Remote Sense (+)
+V
IN
–V
IN
† C
OUT
1,000µF
Remote Sense (–)
Remote Sense (+)
† C
OUT
1,000µF
1 =Inhibit
Q
1
BSS138
(Note 8)
C
2
0.1µF
(Note 4)
Module #1
(Highest V
o)
1
2
11–13
8–10
14
7
3
4
–V
IN
+V
IN
EN 1
EN 2
SEQ
V
o Adj
6
5
+V
OUT
–V
OUT
+Sense
–Sense
C
1
0.1µF
(Note 4)
Module #2
(Lowest V
o)
1
2
11–13
8–10
14
7
3
4
–V
IN
+V
IN
EN 1
EN 2
SEQ
V
o Adj
6
5
+V
OUT
–V
OUT
+Sense
–Sense
C
3
( Note 5 &
Table 4-2 )
LOAD
Vo
1
LOAD
Vo
2
† For sequencing configurations, a 1,000µF
electrolytic capacitor is recommended at
the output of each converter. See Note 2.
PT3400 Series


Similar Part No. - PT3400_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results

Similar Description - PT3400_14

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-35 ASTRODYNE-RS-35 Datasheet
448Kb / 2P
   35W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-35 RSG-RS-35 Datasheet
149Kb / 2P
   35W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-35 MEANWELL-RS-35_11 Datasheet
379Kb / 2P
   35W Single Output Switching Power Supply
PS-35 MEANWELL-PS-35_11 Datasheet
292Kb / 2P
   35W Single Output Switching Power Supply
APC-35 MEANWELL-APC-35_12 Datasheet
647Kb / 2P
   35W Single Output Switching Power Supply
SCP-35 MEANWELL-SCP-35_12 Datasheet
850Kb / 3P
   35W Single Output Switching Power Supply
LPV-35 MEANWELL-LPV-35_12 Datasheet
140Kb / 2P
   35W Single Output Switching Power Supply
APV-35 MEANWELL-APV-35_12 Datasheet
686Kb / 2P
   35W Single Output Switching Power Supply
NES-35 MEANWELL-NES-35 Datasheet
221Kb / 2P
   35W Single Output Switching Power Supply
NED-35 MEANWELL-NED-35_10 Datasheet
415Kb / 2P
   35W Dual Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com