Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT3400 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT3400
Description  35W Output Power
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT3400 Datasheet(HTML) 1 Page - Texas Instruments

  PT3400_14 Datasheet HTML 1Page - Texas Instruments PT3400_14 Datasheet HTML 2Page - Texas Instruments PT3400_14 Datasheet HTML 3Page - Texas Instruments PT3400_14 Datasheet HTML 4Page - Texas Instruments PT3400_14 Datasheet HTML 5Page - Texas Instruments PT3400_14 Datasheet HTML 6Page - Texas Instruments PT3400_14 Datasheet HTML 7Page - Texas Instruments PT3400_14 Datasheet HTML 8Page - Texas Instruments PT3400_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Standard Application
Features
Input Voltage Range:
36V to 75V
35W Output Power
90% Efficiency
1500 VDC Isolation
Low Profile (8 mm)
Adjustable Output Voltage
Dual-Logic On/Off Enable
Power-Up Sequence Control
PT3400 Series
35-W 48-V Input Isolated
DC/DC Converter
SLTS164B - JULY 2002 - REVISED OCTOBER 2002
Ordering Information
PT3401
H = 3.3V/10A (33W)
PT3402
H = 2.5V/12A (30W)
PT3403
H = 1.8V/12A (21.6W)
PT3404
H = 1.5V/16A (24W)
PT3405
H = 1.4V/16A (22.4W)
PT3406
H = 1.2V/16A (19.2W)
PT3407
H = 1V/16A
(16W)
PT3408
H = 5V/7A
(35W)
Pin-Out Information
Pin
Function
1
EN 1
2
EN 2*
3–Vin
4+Vin
5SEQ
6Vout Adj
7–Vsense
8–Vout
9–Vout
10 –Vout
11 +Vout
12 +Vout
13 +Vout
14 +Vsense
* Negative logic
Shaded functions indicate those
pins that are referenced to –Vin.
Description
The PT3400 Excalibur™ power modules
are a series of 35-W rated DC/DC converters
housed in a low-profile space-saving copper
case. Fully isolated for telecom applications,
the series includes a number of standard volt-
ages, including 1.0 VDC. Other applications
include industrial, high-end computing, and
other distributed power applications that
require input-to-output isolation.
PT3400 modules incorporate a feature
that simplifies the design of multiple voltage
power supplies in DSP and ASIC applications.
Using the SEQ control pin, the output voltage
of two PT3400 modules in a power supply
system can be made to self sequence at power-
up. Other features include output voltage
adjust, over-current protection, input under-
voltage lockout, and a differential remote
sense to compensate for any voltage drop
between the converter and load.
Differential Remote Sense
Over-Current Protection
Space Saving Package
Solderable Copper Case
Safety Approvals Pending
PT Series Suffix (PT1234x )
Case/Pin
Order
Package
Configuration
Suffix
Code
Vertical
N
(EPL)
Horizontal
A
(EPM)
SMD
C
(EPN)
(Reference the applicable package code draw-
ing for the dimensions and PC board layout)
L
O
A
D
* Remote Sense (–)
Remote Sense (+)
+V
OUT
–V
OUT
V
O Adj
+V
IN
–V
IN
SEQ
† C
OUT
330µF
PT3400
1
2
11–13
8–10
14
7
3
4
–V
IN
+V
IN
EN 1
EN 2
SEQ
V
o Adj
6
5
+V
OUT
–V
OUT
+V
SENSE
–V
SENSE
† An output capacitor is required on models
with an output voltage less than 2.5V.
* –Vsense (pin 7) must be connected to -Vout ,
either at the load or directly to pin 8 of the
converter.


Similar Part No. - PT3400_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results

Similar Description - PT3400_14

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-35 ASTRODYNE-RS-35 Datasheet
448Kb / 2P
   35W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-35 RSG-RS-35 Datasheet
149Kb / 2P
   35W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-35 MEANWELL-RS-35_11 Datasheet
379Kb / 2P
   35W Single Output Switching Power Supply
PS-35 MEANWELL-PS-35_11 Datasheet
292Kb / 2P
   35W Single Output Switching Power Supply
APC-35 MEANWELL-APC-35_12 Datasheet
647Kb / 2P
   35W Single Output Switching Power Supply
SCP-35 MEANWELL-SCP-35_12 Datasheet
850Kb / 3P
   35W Single Output Switching Power Supply
LPV-35 MEANWELL-LPV-35_12 Datasheet
140Kb / 2P
   35W Single Output Switching Power Supply
APV-35 MEANWELL-APV-35_12 Datasheet
686Kb / 2P
   35W Single Output Switching Power Supply
NES-35 MEANWELL-NES-35 Datasheet
221Kb / 2P
   35W Single Output Switching Power Supply
NED-35 MEANWELL-NED-35_10 Datasheet
415Kb / 2P
   35W Dual Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com