Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT3400 Datasheet(PDF) 8 Page - Texas Instruments

Part # PT3400
Description  35W Output Power
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT3400 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PT3400_14 Datasheet HTML 4Page - Texas Instruments PT3400_14 Datasheet HTML 5Page - Texas Instruments PT3400_14 Datasheet HTML 6Page - Texas Instruments PT3400_14 Datasheet HTML 7Page - Texas Instruments PT3400_14 Datasheet HTML 8Page - Texas Instruments PT3400_14 Datasheet HTML 9Page - Texas Instruments PT3400_14 Datasheet HTML 10Page - Texas Instruments PT3400_14 Datasheet HTML 11Page - Texas Instruments PT3400_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes continued
Table 3-2
DC/DC CONVERTER ADJUSTMENT RESISTOR VALUES
Series Pt #
PT3408
PT3401
PT3402
PT3403
PT3404
PT3405
PT3406
PT3407
Vo(nom)
5V
3.3V
2.5V
1.8V
1.5V
1.4V
1.2V
1.0V
Va(req’d)
Va(req’d)
R
1 = Black
R
2 = (Blue)
5.25
4.5k
5.20
22.2k
5.15
51.8k
5.10
111.0k
5.05
288.0k
5.00
4.95
(457.0)k
4.90
(191.0)k
4.85
(102.0)k
4.80
(57.7)k
4.75
(31.1)k
3.465
51.8k
3.432
81.4k
3.399
131.0k
3.366
229.0k
3.333
525.0k
3.330
3.267
(308.0)k
3.234
(116.0)k
3.201
(51.9)k
3.168
(19.9)k
3.135
(0.0)k
2.625
131.0k
2.600
171.0k
2.575
237.0k
2.550
371.0k
2.525
771.0k
2.500
2.475
(161.0)k
2.450
(60.6)k
2.425
(27.3)k
2.400
(10.6)k
2.375
(0.0)k
1.975
7.7k
1.950
20.0k
1.925
37.3k
1.900
63.3k
1.875
107.0k
1.850
193.0k
1.825
453.0k
1.800
1.650
0.0k
1.625
20.0k
1.600
50.0k
1.575
100.0k
1.550
200.0k
1.525
500.0k
20.0k
1.500
50.0k
1.475
100.0k
1.450
200.0k
1.425
500.0k
1.400
1.32
25.0k
1.30
50.0k
1.28
87.5k
1.26
150.0k
1.24
275.0k
1.22
650.0k
1.20
8.5k
1.15
33.5k
1.10
83.5k
1.08
121.0k
1.06
184.0k
1.04
309.0k
1.02
683.0k
1.00
PT3400 Series
Table 3-1
DC/DC CONVERTER ADJUSTMENT RANGE AND FORMULA PARAMETERS
Series Pt #
PT3408
PT3401
PT3402
PT3403
PT3404
PT3405
PT3406
PT3407
Io (rated) 4
7A
10A
12A
12A
16A
16A
16A
16A
Vo(nom)
5V
3.3V
2.5V
1.8V
1.5V
1.4V
1.2V
1.0V
Va(min)
4.75V
3.135V
2.375V
N/A 1
N/A 1
N/A 1
N/A 1
N/A 1
Va(max)
5.25V
3.465V
2.625V
1.98V
1.65V
1.54V
1.32V
1.2V
Ro (k
Ω)
8.87
9.76
10.0
6.49
7.5
7.5
7.5
7.5
Rs (k
Ω)
66.5
66.5
29.4
66.5
100.0
100.0
100.0
66.5


Similar Part No. - PT3400_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results

Similar Description - PT3400_14

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-35 ASTRODYNE-RS-35 Datasheet
448Kb / 2P
   35W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-35 RSG-RS-35 Datasheet
149Kb / 2P
   35W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-35 MEANWELL-RS-35_11 Datasheet
379Kb / 2P
   35W Single Output Switching Power Supply
PS-35 MEANWELL-PS-35_11 Datasheet
292Kb / 2P
   35W Single Output Switching Power Supply
APC-35 MEANWELL-APC-35_12 Datasheet
647Kb / 2P
   35W Single Output Switching Power Supply
SCP-35 MEANWELL-SCP-35_12 Datasheet
850Kb / 3P
   35W Single Output Switching Power Supply
LPV-35 MEANWELL-LPV-35_12 Datasheet
140Kb / 2P
   35W Single Output Switching Power Supply
APV-35 MEANWELL-APV-35_12 Datasheet
686Kb / 2P
   35W Single Output Switching Power Supply
NES-35 MEANWELL-NES-35 Datasheet
221Kb / 2P
   35W Single Output Switching Power Supply
NED-35 MEANWELL-NED-35_10 Datasheet
415Kb / 2P
   35W Dual Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com