Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT3400 Datasheet(PDF) 7 Page - Texas Instruments

Part # PT3400
Description  35W Output Power
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT3400 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PT3400_14 Datasheet HTML 3Page - Texas Instruments PT3400_14 Datasheet HTML 4Page - Texas Instruments PT3400_14 Datasheet HTML 5Page - Texas Instruments PT3400_14 Datasheet HTML 6Page - Texas Instruments PT3400_14 Datasheet HTML 7Page - Texas Instruments PT3400_14 Datasheet HTML 8Page - Texas Instruments PT3400_14 Datasheet HTML 9Page - Texas Instruments PT3400_14 Datasheet HTML 10Page - Texas Instruments PT3400_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
Adjusting the Output Voltage of the 30W-Rated
PT3400 Series of Isolated DC/DC Converters
The output voltage of the PT3400 Excalibur™ series of
isolated DC/DC converters may be adjusted over a limited
range from the factory-trimmed nominal value. Adjust-
ment is accomplished with a single external resistor. The
placement the resistor determines the direction of adjust-
ment, either up or down, and the value of the resistor the
magnitude of adjustment. Table 3-1 gives the allowable
adjustment range for each model in the series as Va (min)
and Va (max) respectively. Note that converters with an
output voltage of 1.8V or less can only be adjusted up 1.
Adjust Up:
An increase in the output voltage is obtained
by adding a resistor, R1 between Vo Adj (pin 6), and –Vsense
(pin 7).
Adjust Down
(PT3401, PT3402, & PT3408 Only):
Add a
resistor (R2), between Vo Adj (pin 6) and +Vsense (pin 14).
Refer to Figure 3-1 and Table 3-2 for both the placement and
value of the required resistor, R1 or (R2).
The values of R1 [adjust up], and (R2) [adjust down], can
also be calculated using the following formulas.
R1
=
2 · Ro
– Rs
k
Va – Vo
(R2)
=
Ro (Va – 2)
– Rs
k
Vo – Va
Where, Va = Adjusted output voltage
Vo = Original output voltage
Ro = Resistor constant in Table 3-1
Rs = Internal series resistance in Table 3-1
Figure 3-1
Notes:
1. The output voltage of the PT3401 (3.3V),
PT3402 (2.5V), and PT3408 (5V) may be adjusted either
higher or lower. All other models, which have an output
voltage of 1.8V or less, can only be adjusted higher.
2. Use only a single 1% resistor in either the R1 or (R2)
location. Place the resistor as close to the converter as
possible.
3. Never connect capacitors to Vo Adj. Any capacitance added
to this pin will affect the stability of the converter.
4. If the output voltage is increased, the maximum load
current must be derated according to the following
equation.
Io(max)
=
Vo × Io(rated)
Va
In any instance, the load current must not exceed the
converter’s rated output current Io(rated) in Table 3-1.
PT3400 Series
L
O
A
D
* Remote Sense (–)
Remote Sense (+)
+V
OUT
–V
OUT
+V
IN
–V
IN
† C
OUT
330µF
R
1
Ad j ust Up
(R
2)
Adj Down
PT3400
1
2
11–13
8–10
14
7
3
4
–V
IN
+V
IN
EN 1
EN 2
SEQ
V
o Adj
6
5
+V
OUT
–V
OUT
+V
SENSE
–V
SENSE


Similar Part No. - PT3400_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results

Similar Description - PT3400_14

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-35 ASTRODYNE-RS-35 Datasheet
448Kb / 2P
   35W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-35 RSG-RS-35 Datasheet
149Kb / 2P
   35W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-35 MEANWELL-RS-35_11 Datasheet
379Kb / 2P
   35W Single Output Switching Power Supply
PS-35 MEANWELL-PS-35_11 Datasheet
292Kb / 2P
   35W Single Output Switching Power Supply
APC-35 MEANWELL-APC-35_12 Datasheet
647Kb / 2P
   35W Single Output Switching Power Supply
SCP-35 MEANWELL-SCP-35_12 Datasheet
850Kb / 3P
   35W Single Output Switching Power Supply
LPV-35 MEANWELL-LPV-35_12 Datasheet
140Kb / 2P
   35W Single Output Switching Power Supply
APV-35 MEANWELL-APV-35_12 Datasheet
686Kb / 2P
   35W Single Output Switching Power Supply
NES-35 MEANWELL-NES-35 Datasheet
221Kb / 2P
   35W Single Output Switching Power Supply
NED-35 MEANWELL-NED-35_10 Datasheet
415Kb / 2P
   35W Dual Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com