Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT3400 Datasheet(PDF) 4 Page - Texas Instruments

Part # PT3400
Description  35W Output Power
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT3400 Datasheet(HTML) 4 Page - Texas Instruments

  PT3400_14 Datasheet HTML 1Page - Texas Instruments PT3400_14 Datasheet HTML 2Page - Texas Instruments PT3400_14 Datasheet HTML 3Page - Texas Instruments PT3400_14 Datasheet HTML 4Page - Texas Instruments PT3400_14 Datasheet HTML 5Page - Texas Instruments PT3400_14 Datasheet HTML 6Page - Texas Instruments PT3400_14 Datasheet HTML 7Page - Texas Instruments PT3400_14 Datasheet HTML 8Page - Texas Instruments PT3400_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT3403, 1.8 VDC (See Note A)
PT3400 Series
35-W 48-V Input Isolated
DC/DC Converter
Typical Characteristics
PT3404/5, 1.5/1.4 VDC (See Note A)
PT3406, 1.2 VDC (See Note A)
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Safe Operating Area (See Note B)
PT3404; VIN =60V
Safe Operating Area (See Note B)
PT3403; VIN =60V
Safe Operating Area (See Note B)
PT3406; VIN =60V
0
5
10
15
20
25
04
8
12
16
Iout (A)
75.0V
60.0V
48.0V
36.0V
VIN
50
60
70
80
90
100
0
4
8
12
16
Iout (A)
36.0V
48.0V
60.0V
75.0V
VIN
0
1
2
3
4
5
6
04
8
12
16
Iout (A)
75.0V
60.0V
48.0V
36.0V
VIN
50
60
70
80
90
100
0
369
12
Iout (A)
36.0V
48.0V
60.0V
75.0V
V
IN
0
10
20
30
40
50
036
9
12
Iout (A)
75.0V
60.0V
48.0V
36.0V
VIN
0
1
2
3
4
5
6
0
369
12
Iout (A)
75.0V
60.0V
48.0V
36.0V
VIN
50
60
70
80
90
100
0
4
8
12
16
Iout (A)
36.0V
48.0V
60.0V
75.0V
VIN
0
5
10
15
20
25
0
4
8
12
16
Iout (A)
75.0V
60.0V
48.0V
36.0V
VIN
0
1
2
3
4
5
6
04
8
12
16
Iout (A)
75.0V
60.0V
48.0V
36.0V
VIN
20
30
40
50
60
70
80
90
04
8
12
16
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
04
8
12
16
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
02468
10
12
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
SLTS164B - JULY 2002 - REVISED OCTOBER 2002


Similar Part No. - PT3400_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results

Similar Description - PT3400_14

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-35 ASTRODYNE-RS-35 Datasheet
448Kb / 2P
   35W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-35 RSG-RS-35 Datasheet
149Kb / 2P
   35W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-35 MEANWELL-RS-35_11 Datasheet
379Kb / 2P
   35W Single Output Switching Power Supply
PS-35 MEANWELL-PS-35_11 Datasheet
292Kb / 2P
   35W Single Output Switching Power Supply
APC-35 MEANWELL-APC-35_12 Datasheet
647Kb / 2P
   35W Single Output Switching Power Supply
SCP-35 MEANWELL-SCP-35_12 Datasheet
850Kb / 3P
   35W Single Output Switching Power Supply
LPV-35 MEANWELL-LPV-35_12 Datasheet
140Kb / 2P
   35W Single Output Switching Power Supply
APV-35 MEANWELL-APV-35_12 Datasheet
686Kb / 2P
   35W Single Output Switching Power Supply
NES-35 MEANWELL-NES-35 Datasheet
221Kb / 2P
   35W Single Output Switching Power Supply
NED-35 MEANWELL-NED-35_10 Datasheet
415Kb / 2P
   35W Dual Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com