Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61222MDCKTEP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61222MDCKTEP
Description  LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61222MDCKTEP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61222MDCKTEP Datasheet HTML 7Page - Texas Instruments TPS61222MDCKTEP Datasheet HTML 8Page - Texas Instruments TPS61222MDCKTEP Datasheet HTML 9Page - Texas Instruments TPS61222MDCKTEP Datasheet HTML 10Page - Texas Instruments TPS61222MDCKTEP Datasheet HTML 11Page - Texas Instruments TPS61222MDCKTEP Datasheet HTML 12Page - Texas Instruments TPS61222MDCKTEP Datasheet HTML 13Page - Texas Instruments TPS61222MDCKTEP Datasheet HTML 14Page - Texas Instruments TPS61222MDCKTEP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
´
>
´
OUT
OUT
IN
V
I
0.8
100 mA
V
´
ì
ï
´
í
ï
î
OUT
OUT
IN
L,MAX
V
I
+ 100 mA;
continous current operation
0.8 V
I
=
200 mA;
discontinuous current operation
´
´
´
IN
OUT
IN
OUT
V
(V
- V )
1
L =
f
200 mA
V
L
L
1
VIN
VOUT
FB
C
2
EN
GND
TPS61222
VOUT
V
IN
C
1
TPS61222-EP
www.ti.com
SLVSBI2 – SEPTEMBER 2012
APPLICATION INFORMATION
DESIGN PROCEDURE
The TPS61222 DC/DC converter is intended for systems powered by a single cell battery to up to three Alkaline,
NiCd or NiMH cells with a typical terminal voltage between 0.7 V and 5.5 V. It can also be used in systems
powered by one-cell Li-Ion or Li-Polymer batteries with a typical voltage between 2.5 V and 4.2 V. Additionally,
any other voltage source with a typical output voltage between 0.7 V and 5.5 V can be used with the TPS61222.
Programming the Output Voltage
Output voltage
The output voltage is set by a resistor divider internally. The FB pin is used to sense the output voltage. To
configure the fixed output devices properly, the FB pin needs to be connected directly to VOUT as shown in
Figure 10.
Figure 10. Typical Application Circuit
Inductor Selection
To make sure that the TPS61222 can operate, a suitable inductor must be connected between pin VIN and pin L.
Inductor values of 4.7
μH show good performance over the whole input and output voltage range .
Choosing other inductance values affects the switching frequency f proportional to 1/L as shown in Equation 1.
(1)
Choosing inductor values higher than 4.7
μH can improve efficiency due to reduced switching frequency and
therefore with reduced switching losses. Using inductor values below 2.2
μH is not recommended.
Having selected an inductance value, the peak current for the inductor in steady state operation can be
calculated. Equation 2 gives the peak current estimate.
(2)
For selecting the inductor this would be the suitable value for the current rating. It also needs to be taken into
account that load transients and error conditions may cause higher inductor currents.
Equation 3 provides an easy way to estimate whether the device will work in continuous or discontinuous
operation depending on the operating points. As long as the inequation is true, continuous operation is typically
established. If the inequation becomes false, discontinous operation is typically established.
(3)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links :TPS61222-EP


Similar Part No. - TPS61222MDCKTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61222 TI1-TPS61222 Datasheet
1Mb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TPS61222 TI-TPS61222 Datasheet
1Mb / 27P
[Old version datasheet]   TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5關A Quiescent Current
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
TPS61222DCK TI1-TPS61222DCK Datasheet
1Mb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TPS61222DCKR TI1-TPS61222DCKR Datasheet
1Mb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
More results

Similar Description - TPS61222MDCKTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
TPS61220 TI-TPS61220_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5關A Quiescent Current
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61097A-33 TI1-TPS61097A-33_16 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61096A TI1-TPS61096A Datasheet
2Mb / 28P
[Old version datasheet]   28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
TPS61299 TI1-TPS61299_V03 Datasheet
3Mb / 34P
[Old version datasheet]   TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI1-TPS61299_V01 Datasheet
3Mb / 34P
[Old version datasheet]   TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI-TPS61299_V02 Datasheet
3Mb / 34P
[Old version datasheet]   TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com