Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61222MDCKTEP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61222MDCKTEP
Description  LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61222MDCKTEP Datasheet(HTML) 3 Page - Texas Instruments

  TPS61222MDCKTEP Datasheet HTML 1Page - Texas Instruments TPS61222MDCKTEP Datasheet HTML 2Page - Texas Instruments TPS61222MDCKTEP Datasheet HTML 3Page - Texas Instruments TPS61222MDCKTEP Datasheet HTML 4Page - Texas Instruments TPS61222MDCKTEP Datasheet HTML 5Page - Texas Instruments TPS61222MDCKTEP Datasheet HTML 6Page - Texas Instruments TPS61222MDCKTEP Datasheet HTML 7Page - Texas Instruments TPS61222MDCKTEP Datasheet HTML 8Page - Texas Instruments TPS61222MDCKTEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TPS61222-EP
www.ti.com
SLVSBI2 – SEPTEMBER 2012
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VIN
Supply voltage at VIN
0.7
5.5
V
TJ
Operating free air temperature range
–55
125
°C
ELECTRICAL CHARACTERISTICS
TJ = −55°C to 125°C, TJ = TA and over recommended input voltage range (typical at an ambient temperature range of 25°C)
(unless otherwise noted)
DC/DC STAGE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
0.7
5.5
V
VIN
Minimum input voltage at startup
RLoad ≥ 150 Ω
0.7
V
VOUT
Output voltage (5 V)
VIN < VOUT
4.8
5
5.19
V
ILH
Inductor current ripple
200
mA
ISW
Switch current limit
VOUT = 5 V, VIN = 1.2 V
200
400
mA
RDSon_HSD
Rectifying switch on resistance
VOUT = 5 V
700
m
RDSon_LSD
Main switch on resistance
VOUT = 5 V
550
m
Line regulation
VIN < VOUT
0.5
%
Load regulation
VIN < VOUT
0.5
%
VIN
0.5
1.4
μA
Quiescent
IQ
IO = 0 mA, VEN = VIN = 1.2 V, VOUT = 5 V
current
VOUT
5
8.5
μA
Shutdown
ISD
VIN
VEN = 0 V, VIN = 1.2 V, VOUT ≥ VIN
0.2
0.96
μA
current
ILKG_L
Leakage current into L
VEN = 0 V, VIN = 1.2 V, VL = 1.2 V, VOUT ≥ VIN
0.01
0.3
μA
IEN
EN input current
Clamped on GND or VIN (VIN < 1.5 V)
0.005
0.13
μA
CONTROL STAGE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
EN input low voltage
VIN ≤ 1.5 V
0.15 × VIN
V
VIH
EN input high voltage
VIN ≤ 1.5 V
0.8 × VIN
V
VIL
EN input low voltage
5 V > VIN > 1.5 V
0.34
V
VIH
EN input high voltage
5 V > VIN > 1.5 V
1.28
V
VUVLO
Undervoltage lockout threshold for turn off
VIN decreasing
0.5
0.72
V
Overvoltage protection threshold
5.5
7.5
V
Overtemperature protection
140
°C
Overtemperature hysteresis
20
°C
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :TPS61222-EP


Similar Part No. - TPS61222MDCKTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61222 TI1-TPS61222 Datasheet
1Mb / 22P
LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TPS61222 TI-TPS61222 Datasheet
1Mb / 27P
TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5關A Quiescent Current
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
TPS61222DCK TI1-TPS61222DCK Datasheet
1Mb / 22P
LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TPS61222DCKR TI1-TPS61222DCKR Datasheet
1Mb / 22P
LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
More results

Similar Description - TPS61222MDCKTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
TPS61220 TI-TPS61220_15 Datasheet
1Mb / 27P
TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5關A Quiescent Current
TPS61097A-33 TI1-TPS61097A-33_16 Datasheet
2Mb / 24P
TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61096A TI1-TPS61096A Datasheet
2Mb / 28P
28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
TPS61299 TI1-TPS61299_V01 Datasheet
3Mb / 34P
TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI-TPS61299_V02 Datasheet
3Mb / 34P
TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI1-TPS61299_V03 Datasheet
3Mb / 34P
TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com