Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61194-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS61194-Q1
Description  TPS61194-Q1 Low-EMI Automotive LED Driver With Four 100-mA Channels
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61194-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61194-Q1_16 Datasheet HTML 1Page - Texas Instruments TPS61194-Q1_16 Datasheet HTML 2Page - Texas Instruments TPS61194-Q1_16 Datasheet HTML 3Page - Texas Instruments TPS61194-Q1_16 Datasheet HTML 4Page - Texas Instruments TPS61194-Q1_16 Datasheet HTML 5Page - Texas Instruments TPS61194-Q1_16 Datasheet HTML 6Page - Texas Instruments TPS61194-Q1_16 Datasheet HTML 7Page - Texas Instruments TPS61194-Q1_16 Datasheet HTML 8Page - Texas Instruments TPS61194-Q1_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
65
70
75
80
85
90
95
100
0
20
40
60
80
100
Brightness (%)
VIN=5V
VIN=8V
VIN=12V
VIN=16V
C012
TPS61194-Q1
FB
PWM
OUT1
OUT2
OUT3
L1
D1
VOUT up to 45 V
VIN 4.5...40 V
COUT
CIN
RISET
Up to 100 mA/string
SW
LDO
FSET
VDDIO/EN
SYNC
PGND
GND
PAD
VIN
ISET
FAULT
EN
BRIGHTNESS
RFSET
CLDO
OUT4
R1
R2
CFB
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS61194-Q1
SNVSAN1 – AUGUST 2016
TPS61194-Q1 Low-EMI Automotive LED Driver With Four 100-mA Channels
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Range
Input Voltage Operating Range 4.5 V to 40 V
Four High-Precision Current Sinks
Current Matching 1% (Typical)
LED String Current up to 100 mA per Channel
Outputs can be Combined Externally for
Higher Current per String
High Dimming Ratio of 10 000:1 at 100 Hz
Integrated Boost/SEPIC Converter for LED String
Power
Output Voltage up to 45 V
Switching Frequency 300 kHz to 2.2 MHz
Switching Synchronization Input
Spread Spectrum for Lower EMI
Extensive Fault Detection Features
Fault Output
Input Voltage OVP and UVLO
Open and Shorted LED Fault Detection
Thermal Shutdown
Minimum Number of External Components
Simplified Schematic
2 Applications
Backlight for:
Automotive Infotainment
Automotive Instrument Clusters
Smart Mirrors
Heads-Up Displays (HUD)
Central Information Displays (CID)
Audio-Video Navigation (AVN)
3 Description
The TPS61194-Q1 is an automotive high-efficiency,
low-EMI, easy-to-use LED driver with integrated DC-
DC converter. The DC-DC converter supports both
boost and SEPIC mode operation. The device has
four
high-precision
current
sinks
that
can
be
combined for higher current capability.
The DC-DC converter has adaptive output voltage
control based on the LED current sink headroom
voltages.
This
feature
minimizes
the
power
consumption by adjusting the voltage to the lowest
sufficient level in all conditions. For EMI reduction
DC-DC supports spread spectrum for switching
frequency and an external synchronization with
dedicated pin. A wide-range adjustable frequency
allows the TPS61194-Q1 to avoid disturbance for AM
radio band.
The input voltage range for the TPS61194-Q1 is from
4.5 V to 40 V to support automotive stop/start and
load dump condition. The TPS61194-Q1 integrates
extensive fault detection features.
To request a full data sheet or other design
resources: request TPS61194-Q1.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS61194-Q1
HTSSOP (20)
6.50 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
System Efficiency


Similar Part No. - TPS61194-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61194-Q1 TI1-TPS61194-Q1 Datasheet
613Kb / 35P
[Old version datasheet]   High-Performance 4-Channel LED Driver for Automotive Lighting
More results

Similar Description - TPS61194-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193-Q1 TI1-TPS61193-Q1_16 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
LP8860-Q1 TI1-LP8860-Q1_17 Datasheet
1Mb / 110P
[Old version datasheet]   Low-EMI Automotive LED Driver With Four 150-mA Channels
LP8860-Q1 TI1-LP8860-Q1_16 Datasheet
740Kb / 10P
[Old version datasheet]   Low-EMI Automotive LED Driver With Four 150-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight with Four 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8867-Q1 TI1-LP8867-Q1 Datasheet
673Kb / 37P
[Old version datasheet]   LP886x-Q1 Low EMI Automotive LED Driver with 4, 3 Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com