Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61194-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS61194-Q1
Description  TPS61194-Q1 Low-EMI Automotive LED Driver With Four 100-mA Channels
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61194-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS61194-Q1_16 Datasheet HTML 1Page - Texas Instruments TPS61194-Q1_16 Datasheet HTML 2Page - Texas Instruments TPS61194-Q1_16 Datasheet HTML 3Page - Texas Instruments TPS61194-Q1_16 Datasheet HTML 4Page - Texas Instruments TPS61194-Q1_16 Datasheet HTML 5Page - Texas Instruments TPS61194-Q1_16 Datasheet HTML 6Page - Texas Instruments TPS61194-Q1_16 Datasheet HTML 7Page - Texas Instruments TPS61194-Q1_16 Datasheet HTML 8Page - Texas Instruments TPS61194-Q1_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
22-Jun-2016
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TPS61194PWPRQ1
ACTIVE
HTSSOP
PWP
20
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 125
61194Q
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - TPS61194-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61194-Q1 TI1-TPS61194-Q1 Datasheet
613Kb / 35P
[Old version datasheet]   High-Performance 4-Channel LED Driver for Automotive Lighting
More results

Similar Description - TPS61194-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193-Q1 TI1-TPS61193-Q1_16 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
LP8860-Q1 TI1-LP8860-Q1_17 Datasheet
1Mb / 110P
[Old version datasheet]   Low-EMI Automotive LED Driver With Four 150-mA Channels
LP8860-Q1 TI1-LP8860-Q1_16 Datasheet
740Kb / 10P
[Old version datasheet]   Low-EMI Automotive LED Driver With Four 150-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight with Four 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8867-Q1 TI1-LP8867-Q1 Datasheet
673Kb / 37P
[Old version datasheet]   LP886x-Q1 Low EMI Automotive LED Driver with 4, 3 Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com