Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61194-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS61194-Q1
Description  TPS61194-Q1 Low-EMI Automotive LED Driver With Four 100-mA Channels
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61194-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS61194-Q1_16 Datasheet HTML 1Page - Texas Instruments TPS61194-Q1_16 Datasheet HTML 2Page - Texas Instruments TPS61194-Q1_16 Datasheet HTML 3Page - Texas Instruments TPS61194-Q1_16 Datasheet HTML 4Page - Texas Instruments TPS61194-Q1_16 Datasheet HTML 5Page - Texas Instruments TPS61194-Q1_16 Datasheet HTML 6Page - Texas Instruments TPS61194-Q1_16 Datasheet HTML 7Page - Texas Instruments TPS61194-Q1_16 Datasheet HTML 8Page - Texas Instruments TPS61194-Q1_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
TPS61194-Q1
SNVSAN1 – AUGUST 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
4 Device Comparison Table
LP8860-Q1
LP8862-Q1
LP8861-Q1
TPS61193-Q1
TPS61194-Q1
TPS61196-Q1
VIN range
3 V to 48 V
4.5 V to 40 V
4.5 V to 45 V
4.5 V to 40 V
4.5 V to 40 V
8 V to 30 V
Number of LED channels
4
2
4
3
4
6
LED current / channel
150 mA
160 mA
100 mA
100 mA
100 mA
200 mA
I2C/SPI support
Yes
No
No
No
No
No
SEPIC support
No
Yes
Yes
Yes
Yes
No


Similar Part No. - TPS61194-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61194-Q1 TI1-TPS61194-Q1 Datasheet
613Kb / 35P
[Old version datasheet]   High-Performance 4-Channel LED Driver for Automotive Lighting
More results

Similar Description - TPS61194-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193-Q1 TI1-TPS61193-Q1_16 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
LP8860-Q1 TI1-LP8860-Q1_17 Datasheet
1Mb / 110P
[Old version datasheet]   Low-EMI Automotive LED Driver With Four 150-mA Channels
LP8860-Q1 TI1-LP8860-Q1_16 Datasheet
740Kb / 10P
[Old version datasheet]   Low-EMI Automotive LED Driver With Four 150-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight with Four 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8867-Q1 TI1-LP8867-Q1 Datasheet
673Kb / 37P
[Old version datasheet]   LP886x-Q1 Low EMI Automotive LED Driver with 4, 3 Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com