Electronic Components Datasheet Search |
|
TPS61194 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
|
TPS61194 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 9 page TPS61194 FB PWM OUT1 OUT2 OUT3 L1 D1 VOUT up to 45 V VIN 4.5...40 V COUT CIN RISET Up to 100 mA/string SW LDO FSET VDDIO/EN SYNC PGND GND PAD VIN ISET FAULT EN BRIGHTNESS RFSET CLDO OUT4 R1 R2 CFB Copyright © 2016, Texas Instruments Incorporated 65 70 75 80 85 90 95 100 0 20 40 60 80 100 Brightness (%) VIN=5V VIN=8V VIN=12V VIN=16V C012 Product Folder Sample & Buy Technical Documents Tools & Software Support & Community An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. TPS61194 SNVSAN0 – AUGUST 2016 TPS61194 High-Performance Four-Channel LED Driver 1 1 Features 1 • Input Voltage Operating Range 4.5 V to 40 V • Four High-Precision Current Sinks – Current Matching 1% (Typical) – LED String Current up to 100 mA per Channel – Outputs can be Combined Externally for Higher Current per String • High Dimming Ratio of 10 000:1 at 100 Hz • Integrated Boost/SEPIC Converter for LED String Power – Output Voltage up to 45 V – Switching Frequency 300 kHz to 2.2 MHz – Switching Synchronization Input – Spread Spectrum for Lower EMI • Extensive Fault Detection Features – Fault Output – Input Voltage OVP and UVLO – Open and Shorted LED Fault Detection – Thermal Shutdown • Minimum Number of External Components 2 Applications • Industrial Backlighting Systems in Control Panels • Test and Measurement Equipment 3 Description The TPS61194 is a high-efficiency, low-EMI, easy-to- use LED driver with flexibility to support a wide range of applications. It has four high-precision current sinks that can be combined for higher current capability. The TPS61194 has an integrated DC-DC supporting both boost and SEPIC mode operation. The converter has adaptive output voltage control based on the LED current sink headroom voltages. This feature minimizes the power consumption by adjusting the voltage to lowest sufficient level in all conditions. For EMI control the DC-DC converter supports spread spectrum for switching frequency and an external synchronization with dedicated pin. The TPS61194 has wide input voltage range from 4.5 V to 40 V for robust support of different types of applications. The TPS61194 integrates extensive fault detection features. The device supports PWM brightness dimming ratio of 10 000:1 for 100-Hz input PWM frequency. To request a full data sheet or other design resources: request TPS61194. Device Information(1) PART NUMBER PACKAGE BODY SIZE (NOM) TPS61194 HTSSOP (20) 6.50 mm × 4.40 mm (1) For all available packages, see the orderable addendum at the end of the data sheet. Simplified Schematic System Efficiency |
Similar Part No. - TPS61194 |
|
Similar Description - TPS61194 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |