Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61194 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS61194
Description  TPS61194 High-Performance Four-Channel LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61194 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61194_16 Datasheet HTML 1Page - Texas Instruments TPS61194_16 Datasheet HTML 2Page - Texas Instruments TPS61194_16 Datasheet HTML 3Page - Texas Instruments TPS61194_16 Datasheet HTML 4Page - Texas Instruments TPS61194_16 Datasheet HTML 5Page - Texas Instruments TPS61194_16 Datasheet HTML 6Page - Texas Instruments TPS61194_16 Datasheet HTML 7Page - Texas Instruments TPS61194_16 Datasheet HTML 8Page - Texas Instruments TPS61194_16 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TPS61194
FB
PWM
OUT1
OUT2
OUT3
L1
D1
VOUT up to 45 V
VIN 4.5...40 V
COUT
CIN
RISET
Up to 100 mA/string
SW
LDO
FSET
VDDIO/EN
SYNC
PGND
GND
PAD
VIN
ISET
FAULT
EN
BRIGHTNESS
RFSET
CLDO
OUT4
R1
R2
CFB
Copyright © 2016, Texas Instruments Incorporated
65
70
75
80
85
90
95
100
0
20
40
60
80
100
Brightness (%)
VIN=5V
VIN=8V
VIN=12V
VIN=16V
C012
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS61194
SNVSAN0 – AUGUST 2016
TPS61194 High-Performance Four-Channel LED Driver
1
1 Features
1
Input Voltage Operating Range 4.5 V to 40 V
Four High-Precision Current Sinks
Current Matching 1% (Typical)
LED String Current up to 100 mA per Channel
Outputs can be Combined Externally for
Higher Current per String
High Dimming Ratio of 10 000:1 at 100 Hz
Integrated Boost/SEPIC Converter for LED String
Power
Output Voltage up to 45 V
Switching Frequency 300 kHz to 2.2 MHz
Switching Synchronization Input
Spread Spectrum for Lower EMI
Extensive Fault Detection Features
Fault Output
Input Voltage OVP and UVLO
Open and Shorted LED Fault Detection
Thermal Shutdown
Minimum Number of External Components
2 Applications
Industrial Backlighting Systems in Control Panels
Test and Measurement Equipment
3 Description
The TPS61194 is a high-efficiency, low-EMI, easy-to-
use LED driver with flexibility to support a wide range
of applications. It has four high-precision current sinks
that can be combined for higher current capability.
The TPS61194 has an integrated DC-DC supporting
both boost and SEPIC mode operation. The converter
has adaptive output voltage control based on the LED
current
sink
headroom
voltages.
This
feature
minimizes the power consumption by adjusting the
voltage to lowest sufficient level in all conditions. For
EMI control the DC-DC converter supports spread
spectrum for switching frequency and an external
synchronization with dedicated pin.
The TPS61194 has wide input voltage range from
4.5 V to 40 V for robust support of different types of
applications. The TPS61194 integrates extensive
fault detection features. The device supports PWM
brightness dimming ratio of 10 000:1 for 100-Hz input
PWM frequency.
To request a full data sheet or other design
resources: request TPS61194.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS61194
HTSSOP (20)
6.50 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
System Efficiency


Similar Part No. - TPS61194_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61194-Q1 TI1-TPS61194-Q1 Datasheet
613Kb / 35P
[Old version datasheet]   High-Performance 4-Channel LED Driver for Automotive Lighting
TPS61194-Q1 TI1-TPS61194-Q1 Datasheet
714Kb / 10P
[Old version datasheet]   TPS61194-Q1 Low-EMI Automotive LED Driver With Four 100-mA Channels
TPS61194-Q1 TI1-TPS61194-Q1_16 Datasheet
714Kb / 10P
[Old version datasheet]   TPS61194-Q1 Low-EMI Automotive LED Driver With Four 100-mA Channels
TPS61194PWPRQ1 TI1-TPS61194PWPRQ1 Datasheet
714Kb / 10P
[Old version datasheet]   TPS61194-Q1 Low-EMI Automotive LED Driver With Four 100-mA Channels
More results

Similar Description - TPS61194_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8861-Q1 TI1-LP8861-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Low-EMI, High-Performance Four-Channel LED Driver
TPS61194-Q1 TI1-TPS61194-Q1_16 Datasheet
714Kb / 10P
[Old version datasheet]   TPS61194-Q1 Low-EMI Automotive LED Driver With Four 100-mA Channels
logo
Global Mixed-mode Techn...
G5904 GMT-G5904 Datasheet
41Kb / 1P
   Four Channel High Efficiency White LED Driver
logo
Texas Instruments
TPS61193 TI1-TPS61193 Datasheet
592Kb / 33P
[Old version datasheet]   High-Performance 3-Channel LED Driver
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   High-Performance 3-Channel LED Driver
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
[Old version datasheet]   High-Performance 4-Channel LED Driver
LP8862-Q1 TI1-LP8862-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance 2-Channel LED Driver
logo
List of Unclassifed Man...
EC4101 ETC2-EC4101 Datasheet
428Kb / 6P
   Four Channel Constant Current LED Driver
logo
Integrated Silicon Solu...
IS31BL3212 ISSI-IS31BL3212 Datasheet
262Kb / 9P
   FOUR CHANNEL CONSTANT CURRENT LED DRIVER
IS31BL3212-STLS2-TR ISSI-IS31BL3212-STLS2-TR Datasheet
306Kb / 10P
   FOUR CHANNEL CONSTANT CURRENT LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com