Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61193PWPRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61193PWPRQ1
Description  TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61193PWPRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61193PWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS61193PWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS61193PWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS61193PWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS61193PWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS61193PWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS61193PWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS61193PWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS61193PWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Brightness (%)
0
10
20
30
40
50
60
70
80
90
100
50
55
60
65
70
75
80
85
90
95
100
D001
VIN=5V
VIN=8V
VIN=12V
VIN=16V
TPS61193-Q1
FB
PWM
OUT1
OUT2
OUT3
L1
D1
VOUT up to 45 V
VIN 4.5...40 V
COUT
CIN
RISET
Up to 100 mA/string
SW
LDO
FSET
VDDIO/EN
SYNC
PGND
GND
PAD
VIN
ISET
FAULT
EN
BRIGHTNESS
RFSET
CLDO
R1
R2
CFB
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS61193-Q1
SNVSAM9 – AUGUST 2016
TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Input Voltage Operating Range 4.5 V to 40 V
Three High-Precision Current Sinks
Current Matching 1% (Typical)
LED String Current up to 100 mA per Channel
Outputs can be Combined Externally for
Higher Current Capability
High Dimming Ratio of 10 000:1 at 100 Hz
Integrated Boost/SEPIC for LED String Power
Output Voltage up to 45 V
Switching Frequency 300 kHz to 2.2 MHz
Switching Synchronization Input
Spread Spectrum for Lower EMI
Extensive Fault Detection Features
Fault Output
Input Voltage OVP, UVLO, and OCP
Open and Shorted LED Fault Detection
Thermal Shutdown
Minimum Number of External Components
space
Simplified Schematic
2 Applications
Backlight for:
Automotive Infotainment
Automotive Instrument Clusters
Smart Mirrors
Heads-Up Displays (HUD)
Central Information Displays (CID)
Audio-Video Navigation (AVN)
3 Description
The TPS61193-Q1 is an automotive high-efficiency,
low-EMI, easy-to-use LED driver with an integrated
DC-DC converter. The DC-DC converter supports
both boost and SEPIC mode operation. The device
has three high-precision current sinks that can be
combined for higher current capability.
The DC-DC converter has adaptive output voltage
control based on the LED current sink headroom
voltages.
This
feature
minimizes
the
power
consumption by adjusting the voltage to the lowest
sufficient level in all conditions. For EMI reduction
DC-DC supports spread spectrum for switching
frequency and an external synchronization with
dedicated pin. A wide-rage adjustable frequency
allows the TPS61193-Q1 to avoid disturbance for AM
radio bands.
The input voltage range for the TPS61193-Q1 is from
4.5 V to 40 V to support automotive stop/start and
load dump condition. The TPS61193-Q1 integrates
extensive fault detection features.
To request a full data sheet or other design
resources: request TPS61193-Q1.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS61193-Q1
HTSSOP (20)
6.50 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
System Efficiency


Similar Part No. - TPS61193PWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193PWPR TI1-TPS61193PWPR Datasheet
592Kb / 33P
High-Performance 3-Channel LED Driver
More results

Similar Description - TPS61193PWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61194-Q1 TI1-TPS61194-Q1_16 Datasheet
714Kb / 10P
TPS61194-Q1 Low-EMI Automotive LED Driver With Four 100-mA Channels
LP8860-Q1 TI1-LP8860-Q1_16 Datasheet
740Kb / 10P
Low-EMI Automotive LED Driver With Four 150-mA Channels
LP8860-Q1 TI1-LP8860-Q1_17 Datasheet
1Mb / 110P
Low-EMI Automotive LED Driver With Four 150-mA Channels
LP8867-Q1 TI1-LP8867-Q1 Datasheet
673Kb / 37P
LP886x-Q1 Low EMI Automotive LED Driver with 4, 3 Channels
LP8867C-Q1 TI1-LP8867C-Q1 Datasheet
544Kb / 35P
LP8867C-Q1, LP8869C-Q1 Low EMI Automotive LED Driver with 4-, 3- Channels
LP8867-Q1 TI1-LP8867-Q1_V01 Datasheet
1Mb / 41P
LP8867-Q1, LP8869-Q1 Low EMI Automotive LED Driver with 4-, 3- Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8866S-Q1 TI-LP8866S-Q1_V01 Datasheet
3Mb / 82P
LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com