Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9092A Datasheet(PDF) 24 Page - Semtech Corporation

Part # GS9092A
Description  270Mb/s Serializer for SDI and DVB-ASI
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS9092A Datasheet(HTML) 24 Page - Semtech Corporation

Back Button GS9092A Datasheet HTML 20Page - Semtech Corporation GS9092A Datasheet HTML 21Page - Semtech Corporation GS9092A Datasheet HTML 22Page - Semtech Corporation GS9092A Datasheet HTML 23Page - Semtech Corporation GS9092A Datasheet HTML 24Page - Semtech Corporation GS9092A Datasheet HTML 25Page - Semtech Corporation GS9092A Datasheet HTML 26Page - Semtech Corporation GS9092A Datasheet HTML 27Page - Semtech Corporation GS9092A Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
GS9092A GenLINX® III 270Mb/s Serializer for SDI and
DVB-ASI
Final Data Sheet
34715 - 5
February 2013
24 of 61
3.2.1 Parallel Input in SMPTE Mode
When the device is operating in SMPTE mode (see SMPTE Mode on page 34), SD data is
presented to the input bus in 10-bit multiplexed format. The input data format must be
word aligned, multiplexed luma and chroma data.
Note:
When operating the device in an 8-bit SMPTE system, the 2 LSBs (DIN [1:0]) must
be set to 0.
3.2.2 Parallel Input in DVB-ASI Mode
When operating in DVB-ASI mode (see DVB-ASI Mode on page 35), the device will
accept 8-bit data words on DIN[7:0] such that DIN7 = HIN is the most significant bit of
the encoded transport stream data and DIN0 = AIN is the least significant bit.
In addition, DIN9 and DIN8 will be configured as the DVB-ASI control signals
INSSYNCIN and K_IN respectively. See Control Signal Inputs on page 35 for a
description of these DVB-ASI specific input signals.
3.2.3 Parallel Input in Data-Through Mode
When operating in Data-Through mode (see Data-Through Mode on page 36), the
GS9092A passes data presented to the parallel input bus to the serial output without
performing any encoding, scrambling, or word-alignment.
3.2.4 I/O Buffers
The parallel data bus, status signal outputs, and control signal input pins are all
connected to high-impedance buffers. These buffers use either +1.8V or +3.3V DC,
supplied at the IO_VDD and IO_GND pins. For a +3.3V tolerant I/O, the IO_VDD pins
can be connected to either +1.8V or +3.3V. For a +5V tolerant I/O, the IO_VDD pins must
be supplied with +3.3V.
While RESET is LOW, STAT output pins are muted and all other output pins become high
impedance.
3.3 Internal FIFO Operation
The GS9092A contains an internal video line-based FIFO, which can be programmed by
the application layer to work in any of the following modes:
1. Video Mode
Table 3-1: Input Data Format Selection
Pin Settings
Input Data Format
DIN[9:0]
SMPTE_BYPASS
DVB_ASI
10-bit Data
DATA
LOW
LOW
10-bit Multiplexed SDLuma/Chroma
HIGHLOW
10-bit DVB-ASIDVB-ASI data
X
HIGH


Similar Part No. - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
More results

Similar Description - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS9062 GENNUM-GS9062_07 Datasheet
764Kb / 46P
   HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
logo
National Semiconductor ...
LMH0340 NSC-LMH0340_08 Datasheet
470Kb / 24P
   3G, HD, SD, DVB-ASI SDI Serializer and Driver with LVDS Interface
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com