Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9092A Datasheet(PDF) 22 Page - Semtech Corporation

Part # GS9092A
Description  270Mb/s Serializer for SDI and DVB-ASI
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS9092A Datasheet(HTML) 22 Page - Semtech Corporation

Back Button GS9092A Datasheet HTML 18Page - Semtech Corporation GS9092A Datasheet HTML 19Page - Semtech Corporation GS9092A Datasheet HTML 20Page - Semtech Corporation GS9092A Datasheet HTML 21Page - Semtech Corporation GS9092A Datasheet HTML 22Page - Semtech Corporation GS9092A Datasheet HTML 23Page - Semtech Corporation GS9092A Datasheet HTML 24Page - Semtech Corporation GS9092A Datasheet HTML 25Page - Semtech Corporation GS9092A Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
GS9092A GenLINX® III 270Mb/s Serializer for SDI and
DVB-ASI
Final Data Sheet
34715 - 5
February 2013
22 of 61
3. Detailed Description
• Functional Overview
• Parallel Data Inputs
• Internal FIFO Operation
• SMPTE Mode
• DVB-ASI Mode
• Data-Through Mode
• Additional Processing Functions
• Parallel-to-Serial Conversion
• Serial Digital Data PLL
• Serial Digital Output
• Programmable Multi-function I/O
• Low Latency Mode
• GSPI Host Interface
• JTAG Operation
• Device Power Up
3.1 Functional Overview
The GS9092A is a 270Mb/s serializer with an internal FIFO and a programmable
multi-function I/O port. The device has 3 different modes of operation which must be set
by the application layer through external device pins.
When SMPTE mode is enabled, the device will accept 10-bit multiplexed SMPTE
compliant data at 27MHz. The device's additional processing features are also enabled
in this mode.
In DVB-ASI mode, the GS9092A will accept an 8-bit parallel DVB-ASI compliant
transport stream. The serial output data stream will be 8b/10b encoded and padded with
K28.5 fill characters.
The GS9092A's third mode allows for the serializing of data not conforming to SMPTE or
DVB-ASI streams.
The serial digital outputs feature a high impedance mode and adjustable signal swing.
In the digital signal processing core, several data processing functions are implemented
including SMPTE 352M and EDH data packet generation and insertion, and automatic
video standards detection. These features are all enabled by default, but may be
individually disabled via internal registers accessible through the GSPI host interface.


Similar Part No. - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
More results

Similar Description - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS9062 GENNUM-GS9062_07 Datasheet
764Kb / 46P
   HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
logo
National Semiconductor ...
LMH0340 NSC-LMH0340_08 Datasheet
470Kb / 24P
   3G, HD, SD, DVB-ASI SDI Serializer and Driver with LVDS Interface
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com