Electronic Components Datasheet Search |
|
GS9092A Datasheet(PDF) 7 Page - Semtech Corporation |
|
GS9092A Datasheet(HTML) 7 Page - Semtech Corporation |
7 / 61 page GS9092A GenLINX® III 270Mb/s Serializer for SDI and DVB-ASI Final Data Sheet 34715 - 5 February 2013 7 of 61 12 IOPROC_EN Non Synchronous Input CONTROL SIGNAL INPUT Signal Levels are LVCMOS / LVTTL compatible. Used to enable or disable the I/O processing features. When set HIGH, the following I/O processing features of the device are enabled: • SMPTE 352M Payload Identifier Packet Generation and Insertion • Illegal Code Remapping • EDH Generation and Insertion •Ancillary Data Checksum Insertion •TRS Generation and Insertion To enable a subset of these features, keep the IOPROC_EN pin HIGH and disable the individual feature(s) in the IOPROC_DISABLE register accessible via the host interface. When this pin is set LOW, the device will enter low-latency mode. Note: When the internal FIFO is configured for video mode or ancillary data insertion mode, the IOPROC_EN pin must be set HIGH. 13 JTAG/HOST Non Synchronous Input CONTROL SIGNAL INPUT Signal levels are LVCMOS / LVTTL compatible. Used to select JTAG Test Mode or Host Interface Mode. When set HIGH, CS_TMS, SCLK_TCK, SDOUT_TDO, and SDIN_TDI are configured for JTAG boundary scan testing. When set LOW, CS_TMS, SCLK_TCK, SDOUT_TDO, and SDIN_TDI are configured as GSPI pins for normal host interface operation. 14 RESET Non Synchronous Input CONTROL SIGNAL INPUT Signal levels are LVCMOS / LVTTL compatible. Used to reset the internal operating conditions to default setting or to reset the JTAG test sequence. Host Mode (JTAG/HOST = LOW): When asserted LOW, all functional blocks will be set to default conditions ,SDO and SDO are muted, and all input signals become high impedance with the exception of the STAT pins which will be driven LOW. When set HIGH, normal operation of the device resumes 10usec after the LOW-to-HIGH transition of the RESET signal. JTAG Test Mode (JTAG/HOST = HIGH): When asserted LOW, all functional blocks will be set to default and the JTAG test sequence will be held in reset. When set HIGH, normal operation of the JTAG test sequence resumes. Note: For power on reset requirements please see Device Power Up on page 56. 15, 45 CORE_VDD Non Synchronous Input Power Power supply for digital logic blocks. Connect to +1.8V DC. Note: For power sequencing requirements please see Device Power Up on page 56. Table 1-1: Pin Descriptions (Continued) Pin Number Name Timing Type Description |
Similar Part No. - GS9092A |
|
Similar Description - GS9092A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |