Electronic Components Datasheet Search |
|
GS9092A Datasheet(PDF) 6 Page - Semtech Corporation |
|
GS9092A Datasheet(HTML) 6 Page - Semtech Corporation |
6 / 61 page GS9092A GenLINX® III 270Mb/s Serializer for SDI and DVB-ASI Final Data Sheet 34715 - 5 February 2013 6 of 61 1.2 Pin Descriptions Table 1-1: Pin Descriptions Pin Number Name Timing Type Description 1 LF- Analog Input Loop filter component connection. Connect to LF+ through a capacitor. See Typical Application Circuit on page 57. 2PLL_GND Analog Input Power Ground connection for phase-locked loop. Connect to GND. 3 PLL_VDD Analog Input Power Power supply connection for phase-locked loop. Connect to +1.8V DC. 4 CD_VDD Analog Input Power Power supply connection for serial digital cable driver. Connect to +1.8V DC 5, 6SDO, SDO Analog Output Serial digital differential output pair. Note: these output signals will be forced into a mute state if RESET is LOW. 7 CD_GND Analog Input Power Ground connection for serial digital cable driver. Connect to GND. 8NC –– No connect. 9RSET Analog Input An external 1% resistor connected between this input and CD_VDD is used to set the SDO / SDO output amplitude. 10 VBG Analog Input Bandgap filter capacitor. Connect as shown in the Typical Application Circuit on page 57 11 SDO_EN Non Synchronous Input CONTROL SIGNAL INPUT Signal levels are LVCMOS / LVTTL compatible Used to enable or disable the serial digital output. When set LOW by the application layer, the serial digital output signals SDO and SDO are muted. When set HIGH by the application layer, the serial digital output signals are enabled. SDO and SDO outputs will also be high impedance when the RESET pin is LOW. |
Similar Part No. - GS9092A |
|
Similar Description - GS9092A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |