Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9092A Datasheet(PDF) 47 Page - Semtech Corporation

Part # GS9092A
Description  270Mb/s Serializer for SDI and DVB-ASI
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS9092A Datasheet(HTML) 47 Page - Semtech Corporation

Back Button GS9092A Datasheet HTML 43Page - Semtech Corporation GS9092A Datasheet HTML 44Page - Semtech Corporation GS9092A Datasheet HTML 45Page - Semtech Corporation GS9092A Datasheet HTML 46Page - Semtech Corporation GS9092A Datasheet HTML 47Page - Semtech Corporation GS9092A Datasheet HTML 48Page - Semtech Corporation GS9092A Datasheet HTML 49Page - Semtech Corporation GS9092A Datasheet HTML 50Page - Semtech Corporation GS9092A Datasheet HTML 51Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
GS9092A GenLINX® III 270Mb/s Serializer for SDI and
DVB-ASI
Final Data Sheet
34715 - 5
February 2013
47 of 61
3.10 Serial Digital Output
The GS9092A contains an integrated current mode differential serial digital output
buffer/cable driver, capable of driving 800mV into two single ended 75Ω loads. Output
pins SDO and SDO provide a single differential serial digital output. Alternatively, two
75Ω connections can be driven using single ended drive.
To enable the output, SDO_EN must be set HIGH by the application layer. Setting the
SDO_EN signal LOW will cause the SDO and SDO output pins to become high
impedance, resulting in reduced device power consumption.
With suitable external return loss matching circuitry, the GS9092A's serial digital
outputs will provide a minimum output return loss of 15dB.
The output buffer / cable driver uses a separate power supply of +1.8V DC supplied via
the CD_VDD and CD_GND pins.
3.10.1 Output Swing
Nominally, the voltage swing of the serial digital output is 800mVp-p single-ended into
a 75Ω load. This is set externally by connecting the RSET pin to CD_VDD through a
resistor. The output swing may be adjusted by altering the value of the RSET resistor.
SMPTE-compliant cable driver operation can be achieved at +1.8V operation by
connecting external pull-up resistors from the differential output to the +1.8V source.
3.10.2 Serial Digital Output Mute Control
The GS9092A will automatically mute the serial digital output when RESET is LOW. In
this case, the SDO and SDO signals are set to the last logic state.
3.10.3 Output Return Loss Measurement
Under normal operating conditions the cable connected to the BNC connector will
provide a 75
Ω load. Under this loaded condition, the outputs of the device swing
between VCC-0.4V and VCC-1.2V. When a 75Ω load is not connected to the BNC
connector, the outputs of the device will swing between VCC and VCC - 1.6V. The
difference in output swing is shown in Figure 3-10.


Similar Part No. - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
More results

Similar Description - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS9062 GENNUM-GS9062_07 Datasheet
764Kb / 46P
   HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
logo
National Semiconductor ...
LMH0340 NSC-LMH0340_08 Datasheet
470Kb / 24P
   3G, HD, SD, DVB-ASI SDI Serializer and Driver with LVDS Interface
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com