Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9092A Datasheet(PDF) 40 Page - Semtech Corporation

Part # GS9092A
Description  270Mb/s Serializer for SDI and DVB-ASI
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS9092A Datasheet(HTML) 40 Page - Semtech Corporation

Back Button GS9092A Datasheet HTML 36Page - Semtech Corporation GS9092A Datasheet HTML 37Page - Semtech Corporation GS9092A Datasheet HTML 38Page - Semtech Corporation GS9092A Datasheet HTML 39Page - Semtech Corporation GS9092A Datasheet HTML 40Page - Semtech Corporation GS9092A Datasheet HTML 41Page - Semtech Corporation GS9092A Datasheet HTML 42Page - Semtech Corporation GS9092A Datasheet HTML 43Page - Semtech Corporation GS9092A Datasheet HTML 44Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
GS9092A GenLINX® III 270Mb/s Serializer for SDI and
DVB-ASI
Final Data Sheet
34715 - 5
February 2013
40 of 61
3.7.3.2 Illegal Code Remapping
If the ILLEGAL_REMAP bit of the IOPROC_DISABLE register is set LOW, the GS9092A
will remap all codes within the active picture between the values of 3FCh and 3FFh to
3FBh. All codes within the active picture area between the values of 000h and 003h will
be remapped to 004h.
In addition, 8-bit TRS and ancillary data preambles will be remapped to 10-bit values if
this feature is enabled.
Note:
The EDH block always remaps EDH packet headers regardless of the
ILLEGAL_REMAP setting.
3.7.3.3 EDH Generation and Insertion
If the EDH_CRC_INS bit of the IOPROC_DISABLE register is set LOW, the GS9092A may
be configured to generate and insert complete EDH packets into the data stream, or
update the CRC bits of existing EDH packets.
Generation and Insertion of New EDH Packets
When EDH_CRC_UPDATE is set LOW (bit 11 of address 04h), the GS9092A will generate
all of the required EDH packet data including all ancillary data preambles (DID, DBN,
DC), reserved code words and checksum. Calculation of both full field (FF) and active
picture (AP) CRC's will be carried out by the device.
VIDEO_FORMAT_A
Address: 0Fh
15-8
SMPTE 352M
Byte 2
SMPTE 352M Byte 2 information must be
programmed in this register when 352M_INS is LOW
and 352M_CALC is HIGH.
R/W
0
7-0
SMPTE 352M
Byte 1
SMPTE 352M Byte 1 information must be
programmed in this register when 352M_INS is LOW
and 352M_CALC is HIGH.
R/W
0
Table 3-5: Host Interface Description for SMPTE 352M Payload Identifier Registers (Continued)
Register Name
Bit
Name
Description
R/W
Default
Table 3-6: Host Interface Description for SMPTE 352M Packet Line Number Insertion Registers
Register Name
Bit
Name
Description
R/W
Default
352M_LINE_1
Address: 26h
15-11
Not Used
––
10-0
352M_LINE_1 [10:0]
Line number where SMPTE352M packet is inserted
in field 1. If the 352M_CALC bit is HIGH, and both
352M_LINE1 and 352M_LINE2 are set to zero, then
no packets will be inserted.
R/W
0
352M_LINE_2
Address: 27h
15-11
Not Used
––
10-0
352M_LINE_2 [10:0]
Line number where SMPTE352M packet is inserted
in field 2. If the 352M_CALC bit is HIGH, and both
352M_LINE1 and 352M_LINE2 are set to zero, then
no packets will be inserted.
R/W
0


Similar Part No. - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
More results

Similar Description - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS9062 GENNUM-GS9062_07 Datasheet
764Kb / 46P
   HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
logo
National Semiconductor ...
LMH0340 NSC-LMH0340_08 Datasheet
470Kb / 24P
   3G, HD, SD, DVB-ASI SDI Serializer and Driver with LVDS Interface
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com