Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 10 Page - Semtech Corporation

Part # GS9090B
Description  270Mb/s Deserializer for SDI
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS9090B Datasheet(HTML) 10 Page - Semtech Corporation

Back Button GS9090B Datasheet HTML 6Page - Semtech Corporation GS9090B Datasheet HTML 7Page - Semtech Corporation GS9090B Datasheet HTML 8Page - Semtech Corporation GS9090B Datasheet HTML 9Page - Semtech Corporation GS9090B Datasheet HTML 10Page - Semtech Corporation GS9090B Datasheet HTML 11Page - Semtech Corporation GS9090B Datasheet HTML 12Page - Semtech Corporation GS9090B Datasheet HTML 13Page - Semtech Corporation GS9090B Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
GS9090B GenLINX® III 270Mb/s Deserializer for SDI
Data Sheet
40749 - 5
May 2010
10 of 72
49
SMPTE_BYPASS
Non
Synchronous
Input /
Output
CONTROL SIGNAL INPUT / STATUS SIGNAL OUTPUT
Signal levels are LVCMOS / LVTTL compatible.
This pin is an input in Manual mode, and an output set by the
device in Auto mode.
Auto Mode (AUTO/MAN = HIGH):
The SMPTE_BYPASS signal will be HIGH only when the device has
locked to a SMPTE compliant data stream. It will be LOW
otherwise. When the signal is LOW, no I/O processing features are
available.
Manual Mode (AUTO/MAN = LOW):
When this pin is set HIGH in conjunction with DVB_ASI = LOW, the
device will be configured to operate in SMPTE mode. All I/O
processing features may be enabled in this mode.
When the SMPTE_BYPASS pin is set LOW, the device will not
support the descrambling, decoding, or word alignment of
received SMPTE data. No I/O processing features will be available.
50
AUTO/MAN
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS / LVTTL compatible.
When set HIGH, the GS9090B will operate in Auto mode. The
SMPTE_BYPASS pin becomes an output status signal set by the
device. In this mode, the GS9090B will automatically detect,
reclock, deserialize, and process SMPTE compliant input data.
When set LOW, the GS9090B will operate in Manual mode. The
DVB_ASI and SMPTE_BYPASS pins become input control signals. In
this mode, these two external pins must be set for the correct
reception of either SMPTE or DVB-ASI data. Manual mode also
supports the reclocking and deserializing of data not conforming
to SMPTE or DVB-ASI streams.
51
FW_EN
Non
Synchronous
Input
CONTOL SIGNAL INPUT
Signal levels are LVCMOS / LVTTL compatible.
Used to enable or disable the noise immune flywheel of the device.
When set HIGH, the internal flywheel is enabled. This flywheel is
used in the extraction of timing signals, the generation of TRS
signals, the automatic detection of video standards, and in manual
switch line lock handling.
When set LOW, the internal flywheel is disabled. Timing based TRS
errors will not be detected.
52
FIFO_EN
Non
Synchronous
Input
CONTOL SIGNAL INPUT
Signal levels are LVCMOS / LVTTL compatible.
Used to enable / disable the internal FIFO.
When FIFO_EN is HIGH, the internal FIFO will be enabled. Data will
be clocked out of the device on the rising edge of the RD_CLK
input pin if the FIFO is in video mode or DVB-ASI mode.
When FIFO_EN is LOW, the internal FIFO is bypassed and parallel
data is clocked out on the rising edge of the PCLK output.
Table 1-1: Pin List and Description (Continued)


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 71P
GenLINX짰 III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B Datasheet
1Mb / 72P
GenLINX III 270Mb/s Deserializer for SDI
GS9090BCNE3 GENNUM-GS9090BCNE3 Datasheet
1Mb / 72P
GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
GenLINX III 270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B Datasheet
1Mb / 71P
GenLINX짰 III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
GenLINX III 270Mb/s Deserializer
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com