Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS9090B
Description  270Mb/s Deserializer for SDI
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS9090B Datasheet(HTML) 1 Page - Semtech Corporation

  GS9090B Datasheet HTML 1Page - Semtech Corporation GS9090B Datasheet HTML 2Page - Semtech Corporation GS9090B Datasheet HTML 3Page - Semtech Corporation GS9090B Datasheet HTML 4Page - Semtech Corporation GS9090B Datasheet HTML 5Page - Semtech Corporation GS9090B Datasheet HTML 6Page - Semtech Corporation GS9090B Datasheet HTML 7Page - Semtech Corporation GS9090B Datasheet HTML 8Page - Semtech Corporation GS9090B Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
1 of 72
GS9090B GenLINX® III 270Mb/s Deserializer for SDI
www.gennum.com
Data Sheet
40749 - 5
May 2010
GS9090B GenLINX® III 270Mb/s Deserializer for SDI
Key Features
• SMPTE 259M-C compliant descrambling and NRZI to
NRZ decoding (with bypass)
• DVB-ASI 8b/10b decoding
• Integrated line-based FIFO for data alignment/delay,
clock phase interchange, DVB-ASI data packet
extraction and clock rate interchange, and ancillary
data packet extraction
• Integrated VCO and reclocker
• User selectable additional processing features
including:
TRS, ANC data checksum, and EDH CRC error
detection and correction
programmable ANC data detection
illegal code remapping
• Internal flywheel for noise immune H, V, F extraction
• Automatic standards detection and indication
• Enhanced Gennum Serial Peripheral Interface (GSPI)
• JTAG test interface
• Polarity insensitive for DVB-ASI and SMPTE signals
• +1.8V core power supply with optional +1.8V or +3.3V
I/O power supply
• Small footprint (8mm x 8mm)
• Low power operation (typically 145mW)
• Pb-free
Applications
• SMPTE 259M-C Serial Digital Interfaces
• DVB-ASI Serial Digital Interfaces
Description
The GS9090B is a 270Mb/s reclocking deserializer with an
internal FIFO. It provides a complete receive solution for
SD-SDI and DVB-ASI applications.
In addition to reclocking and deserializing the input data
stream, the GS9090B performs NRZI-to-NRZ decoding, de-
scrambling as per SMPTE 259M-C, and word alignment
when operating in SMPTE mode. When operating in
DVB-ASI mode, the device will word align the data to K28.5
sync characters and 8b/10b decode the received stream.
The internal reclocker features a very wide input jitter tol-
erance, and is fully compatible with both SMPTE and
DVB-ASI input streams.
The GS9090B includes a range of data processing
functions such as EDH support (error detection and han-
dling), and automatic standards detection. The device can
also detect and extract SMPTE 352M
payload identifier packets and independently identify the
received video standard. This information is read from in-
ternal registers via the host interface port.
The GS9090B also incorporates a video line-based FIFO.
This FIFO may be used in four user-selectable modes to car-
ry out tasks such as data alignment / delay, clock phase in-
terchange, MPEG packet extraction and clock rate
interchange, and ancillary data packet extraction.
Parallel data outputs are provided in 10-bit multiplexed
format, with the associated parallel clock output signal op-
erating at 27MHz.
The device may also be used in a low-latency data pass
through mode where only descrambling and word align-
ment will be performed in SMPTE mode.


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 71P
GenLINX짰 III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B Datasheet
1Mb / 72P
GenLINX III 270Mb/s Deserializer for SDI
GS9090BCNE3 GENNUM-GS9090BCNE3 Datasheet
1Mb / 72P
GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
GenLINX III 270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B Datasheet
1Mb / 71P
GenLINX짰 III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
GenLINX III 270Mb/s Deserializer
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com